Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFGS4530S Datasheet(PDF) 5 Page - Whirlpool.

Part # WFGS4530S
Description  WHIRLPOOL® GAS FREE STANDING RANGES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WFGS4530S Datasheet(HTML) 5 Page - Whirlpool.

  WFGS4530S Datasheet HTML 1Page - Whirlpool. WFGS4530S Datasheet HTML 2Page - Whirlpool. WFGS4530S Datasheet HTML 3Page - Whirlpool. WFGS4530S Datasheet HTML 4Page - Whirlpool. WFGS4530S Datasheet HTML 5Page - Whirlpool. WFGS4530S Datasheet HTML 6Page - Whirlpool. WFGS4530S Datasheet HTML 7Page - Whirlpool. WFGS4530S Datasheet HTML 8Page - Whirlpool. WFGS4530S Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DIMENSION GUIDE
5 of 15
Flexible Metal Appliance Connector:
■
If local codes permit, a new CSA design-certified,
4 to 5 ft (122 to 152.4 cm) long, 1/2" (13 mm) or 3/4"
(19 mm) I.D., flexible metal appliance connector may be used
for connecting range to the gas supply line.
■
A 1/2" (13 mm) male pipe thread is needed for connection to
the female pipe threads of the inlet to the appliance pressure
regulator.
■
Do not kink or damage the flexible metal tubing when moving
the range.
Rigid pipe connection:
The rigid pipe connection requires a combination of pipe fittings
to obtain an in-line connection to the range. The rigid pipe must
be level with the range connection. All strains must be removed
from the supply and fuel lines so range will be level and in line.
■
Must include a shut-off valve:
Install a manual gas line shut-off valve in an easily accessible
location. Do not block access to shut-off valve. The valve is
for turning on or shutting off gas to the cooktop.
A. Gas supply line
B. Shut-off valve “open” position
C. To range
Gas Pressure Regulator
The gas pressure regulator supplied with this range must be
used. The inlet pressure to the regulator should be as follows for
proper operation:
Natural Gas:
Minimum pressure: 5" (12.7 cm) WCP
Maximum pressure: 14" (35.5 cm) WCP
Propane Gas:
Minimum pressure: 11" (27.9 cm) WCP
Maximum pressure: 14" (35.5 cm) WCP
Contact local gas supplier if you are not sure about the inlet
pressure.
Burner Input Requirements
Input ratings shown on the model/serial/rating plate are for
elevations up to 2,000 ft (609.6 m).
For elevations above 2,000 ft (609.6 m), ratings are reduced at
a rate of 4% for each 1,000 ft (304.8 m) above sea level (not
applicable for Canada).
Gas Supply Pressure Testing
Gas supply pressure for testing regulator must be at least
1" (2.5 cm) water column pressure above the manifold pressure
shown on the model/serial/rating plate.
Line pressure testing above 1/2 psi (3.5 kPa) gauge
[14" (35.5 cm) WCP]
The range and its individual shutoff valve must be disconnected
from the gas supply piping system during any pressure testing
of that system at test pressures in excess of 1/2 psi (3.5 kPa).
Line pressure testing at 1/2 psi (3.5 kPa) gauge
[14" (35.5 cm) WCP] or lower
The range must be isolated from the gas supply piping
system by closing its individual manual shutoff valve during
any pressure testing of the gas supply piping system at test
pressures equal to or less than 1/2 psi (3.5 kPa).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com