Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224 Datasheet(PDF) 7 Page - Clarke International

Part # JS1224
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224 Datasheet(HTML) 7 Page - Clarke International

Back Button JS1224 Datasheet HTML 3Page - Clarke International JS1224 Datasheet HTML 4Page - Clarke International JS1224 Datasheet HTML 5Page - Clarke International JS1224 Datasheet HTML 6Page - Clarke International JS1224 Datasheet HTML 7Page - Clarke International JS1224 Datasheet HTML 8Page - Clarke International JS1224 Datasheet HTML 9Page - Clarke International JS1224 Datasheet HTML 10Page - Clarke International JS1224 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
1. Work Light ON/OFF switch
2. Lamp/Work light
3. Red LED (charging)
4. Green LED (charged)
5. On/Off Switch
6. 12V DC socket connection
7. Alert LED (incorrect polarity alarm)
8. Battery condition gauge
9. Test push button
10. Negative (-) battery connection lead
11. Positive (+) battery connection lead
12. 12V charging jack socket
13. 12/24V Selector
14. 230V mains charging adaptor
15. 12V DC adaptor lead with jack plug
INITIAL BATTERY CHARGING
1. Charge your jumpstart battery before using it for the first time.
2. Recharge the jumpstart battery after every occasion of use if possible, and
thereafter, at least every 30 days.
3. Always avoid leaving your jumpstart in a state of discharge.
FOLLOW THE ABOVE POINTS TO ENSURE MAXIMUM LIFE FROM THE BATTERY.
Two means of charging the battery are provided:
1. Via a mains electricity supply,
using the mains adaptor, shown in
Fig 1.
2. Via a 12V vehicle supply using the
cigarette lighter adapter with
cable and plug provided, shown.
NOTE: Using a 12V vehicle supply,
the battery will not charge to
maximum, but only to
approx. 50% of its capacity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com