Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224 Datasheet(PDF) 12 Page - Clarke International

Part # JS1224
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224 Datasheet(HTML) 12 Page - Clarke International

Back Button JS1224 Datasheet HTML 8Page - Clarke International JS1224 Datasheet HTML 9Page - Clarke International JS1224 Datasheet HTML 10Page - Clarke International JS1224 Datasheet HTML 11Page - Clarke International JS1224 Datasheet HTML 12Page - Clarke International JS1224 Datasheet HTML 13Page - Clarke International JS1224 Datasheet HTML 14Page - Clarke International JS1224 Datasheet HTML 15Page - Clarke International JS1224 Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TECHNICAL SPECIFICATION
Please note that the details and specifications contained herein, are correct at
the time of going to print. However, CLARKE International reserve the right to
change specifications at any time without prior notice.
Item
Specification
Model
JS1224
Part No
6240045
Weight
16 kg
Dimensions
210 x 390 x 375
Insulation Class
Class II
Input Power Supply
12V DC / 3A / 36W
Max Output Current
Starting 1000A@12V
Peak 2000A@12V
Starting 500A@12V
Peak 1000A@24V
Output Power
180W
Battery Type
2 x sealed Sealed lead-acid12V/22AH
Lighter Socket output
12V DC /15A
Operating temperature
-20/40OC
Estimated engine starting capacity
Up to 3.0litres (diesel)
Up to 6.0litres (petrol)
Working lamp
LED, 3V/0.3W (non-replacable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com