Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224 Datasheet(PDF) 14 Page - Clarke International

Part # JS1224
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224 Datasheet(HTML) 14 Page - Clarke International

Back Button JS1224 Datasheet HTML 8Page - Clarke International JS1224 Datasheet HTML 9Page - Clarke International JS1224 Datasheet HTML 10Page - Clarke International JS1224 Datasheet HTML 11Page - Clarke International JS1224 Datasheet HTML 12Page - Clarke International JS1224 Datasheet HTML 13Page - Clarke International JS1224 Datasheet HTML 14Page - Clarke International JS1224 Datasheet HTML 15Page - Clarke International JS1224 Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
IMPORTANT: When requesting component parts for these products, please
refer to the pre-fix GRBMZ/JS1224/01 onwards. as applicable.
No
Description
No
Description
1
12V-22AH Battery
18
DC Adaptor Cable
2
Light Indication PCB
19
Worklight Switch
3
Circuit Breaker
20
Switch Cap
4
Test Button
21
Switch Holder
5
On/Off Switch
22
Upper Front Panel
6
Cigarette Lighter Socket
23
Main Charging PCB
7
DC Voltage Meter
24
On/Off Switch Cap
8
Charging Adaptor
25
Rear Casing Panel
9
Rear Housing
26
Rear Upper Panel
10
12V/24V Selector Switch
27
24V Indication PCB
11
Positive Electrode of socket
28
LED Worklight Panel
12
Socket Dust Cover
29
Handle Upright (L/F)
13
Charging Socket
30
Handle Upright (R/F)
14
Main Handle
31
Handle Upright (L/R)
15
Front Housing
32
Handle Upright (R/R)
16
Positive Battery Lead
33
Front Cover
17
Negative Battery Lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com