Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224 Datasheet(PDF) 8 Page - Clarke International

Part # JS1224
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224 Datasheet(HTML) 8 Page - Clarke International

Back Button JS1224 Datasheet HTML 4Page - Clarke International JS1224 Datasheet HTML 5Page - Clarke International JS1224 Datasheet HTML 6Page - Clarke International JS1224 Datasheet HTML 7Page - Clarke International JS1224 Datasheet HTML 8Page - Clarke International JS1224 Datasheet HTML 9Page - Clarke International JS1224 Datasheet HTML 10Page - Clarke International JS1224 Datasheet HTML 11Page - Clarke International JS1224 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CHARGING USING THE MAINS ADAPTOR
1. Set the On/Off switch to the Off
position and the Voltage Selection
switch to the 12V position.
2. Plug the cable into the socket at
the rear of the unit, then plug the
adaptor into the mains supply
and switch on.
• The red CHARGING light on the
jumpstart will come on to
indicate charging is in progress.
3. It is best to charge the jumpstart until the green CHARGED light comes on.
• To ensure maximum battery life, it is desirable to charge the unit after
each occasion of use and recommended to recharge after every
30 days.
NOTE: Pressing the ‘TEST’ button with the charger disconnected will cause
the needle on the battery condition gauge shown above, to
register the state of charge of the battery.
Turn the unit on and a beep will be heard, indicating that there is power to the
booster clamps.
CHARGING USING THE 12V ADAPTOR
1. Plug the jack plug into the charging socket at the rear of the unit, then into
the cigarette lighter socket on the vehicle and start the engine. The red
LED on the jumpstart to indicate that charging is in progress.
2. Continue to charge until the “Internal Battery Status” gauge registers ‘OK’
when the ‘TEST’ button is pressed, WITH THE CHARGING CURRENT
DISCONNECTED. i.e. disconnect the cigarette lighter adapter from the
socket on the vehicle before pressing the Test Button.
NOTE: We recommend that you use this system only when necessary, as
prolonged use will reduce the life expectancy of the battery, due
to the fact that this method can only charge the battery to
approx. 50% of its capacity.
NOTE: For maximum battery life, we strongly recommend that you
maintain the battery in a fully charged state at all times.
NOTE: If charging does not take place, check the green LED on the
adapter. Ensure all connections are clean and free of grease etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com