Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224 Datasheet(PDF) 10 Page - Clarke International

Part # JS1224
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224 Datasheet(HTML) 10 Page - Clarke International

Back Button JS1224 Datasheet HTML 6Page - Clarke International JS1224 Datasheet HTML 7Page - Clarke International JS1224 Datasheet HTML 8Page - Clarke International JS1224 Datasheet HTML 9Page - Clarke International JS1224 Datasheet HTML 10Page - Clarke International JS1224 Datasheet HTML 11Page - Clarke International JS1224 Datasheet HTML 12Page - Clarke International JS1224 Datasheet HTML 13Page - Clarke International JS1224 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
10. Once the vehicle has started, turn the jumpstart ON/OFF switch OFF.
11. Disconnect the black negative (-) clamp first, then disconnect the red
positive (+) clamp.
12. After use, always wrap the cables around the post on the side of the
jumpstart body and clip the clamps into their positions on the clamp posts.
13. Return the 12V/24V selector to the 12V position
14. Return the ON/OFF switch to the OFF position after use.
15. After use, always recharge the jumpstart as described on page 12.
16. Regularly check the charge level of the battery by pressing the TEST push-
button on the front panel.
RECHARGING
Recharge the unit following each period of use. The unit must be charged at
least every 3 months but it is recommended that a ‘top-up’ charge is desirable
after every 30 days.
NOTE: Failure to do so will result in possible damage to the internal
battery and result in poor performance from partial failure to
operate due to the poor condition of the battery.
1. Insert the charger lead into the charging jack socket at the rear of the unit
2. Connect the mains adaptor to the mains outlet.
3. The 12V/24V selector switch must always be set to the 12V position while
charging in this way, otherwise the charge will not be received by both
batteries.
4. Check that the red CHARGING light illuminates and remains on during the
charging process.
• When the internal battery is fully charged, the green CHARGED light
will come on automatically.
5. The unit can now be unplugged for further use or storage, or it can be left
plugged in indefinitely so as to use its internal control to maintain the
optimum battery charge level.
WARNING: IT IS POSSIBLE THAT SOME ELECTRONIC EQUIPMENT COULD BE
DAMAGED BY JUMP STARTING. ALWAYS CHECK WITH THE CAR
MANUFACTURER’S HANDBOOK TO DETERMINE WHAT PRECAUTIONS IF
ANY SHOULD BE TAKEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com