Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1521 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1521
Description  2-Channel Exchange Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1521 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1521 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1521 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DIO1521
Version 1.0, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
Ultra-Low On-Resistance, 2-Channel Exchange Switch
Features
Operating VCC range: 2.3 V to 5.5 V
High-performance switch:
− Bandwidth (-3 dB): 180 MHz (Typ.)
− RON (SBU1): 0.85 Ω (Typ.)
− RON (SBU2): 0.65 Ω (Typ.)
− THD+N = -106 dB, 0.5 VRMS, f = 20 Hz ~ 20
kHz, 32 Ω load
− Crosstalk = -110 dB,f = 1 kHz, RL = 50 Ω,
VSW = 0.7 VRMS
− Off-isolation = -105 dB, f = 1 kHz, RL = 32 Ω,
CL = 0 pF, VSW = 1 VRMS
SBUx pins OVP: 4.2 V (Typ.)
SBUx pins up to 12 V DC
Support 1.2 V GPIO control (VIH: 0.825 V Min.)
Active supply current: 32 μA (Typ.)
Shutdown current:0.3 μA (Typ.)
Operating temperature range: -40°C to 85°C
Applications
Mobile phone
PC / Notebook
Package Information
Part Number
Package
Body Size
DIO1521
QFN-10
1.8 mm × 1.4 mm
Description
The DIO1521 is a 2-channel exchange switch. The
DIO1521 operates from a single 2.3 V to 5.5 V
supply and features an ultra-low on resistance of
0.85 Ω for SBU1 and 0.65 Ω for SBU2 at a 3.3 V
supply and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching
speeds
and
is
designed
for
break-before-make operation.
The DIO1521 guarantees low on-resistance
matching between switches, on-resistance flatness
over the signal range, high off-isolation and low
crosstalk, which ensures excellent linearity and low
distortion when switching audio signals. The
DIO1521 consists of two normally open and two
normally close switches.
The DIO1521 provides Green QFN1.8*1.4-10
package.
Simplified Schematic


Similar Part No. - DIO1521

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520LP10 DIOO-DIO1520LP10 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1523 DIOO-DIO1523 Datasheet
1Mb / 9P
Analog Switch
Rev 1.2
More results

Similar Description - DIO1521

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
17-Sep-2001
logo
ON Semiconductor
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
Bus Exchange Switch
April, 2010 ??Rev. 0
7WBD383 ONSEMI-7WBD383 Datasheet
190Kb / 14P
Translating Bus Exchange Switch
February, 2010 ??Rev. 0
logo
Pericom Semiconductor C...
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
PCI Express 2.0, 2-lane Exchange Switch
PI3PCIE3442 PERICOM-PI3PCIE3442 Datasheet
1Mb / 13P
3.3V PCI Express 3.0 2-Lane Exchange Switch
logo
ON Semiconductor
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
Bus Exchange Switch
October, 2014 ??Rev. 1
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
Translating Bus Exchange Switch
October, 2014 ??Rev. 2
logo
Diodes Incorporated
PI3PCIE3242A DIODES-PI3PCIE3242A Datasheet
1,021Kb / 11P
3.0 4 Channel 2x2 Exchange Switch
Rev 1-2
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com