Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2140CD8 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2140CD8
Description  Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2140CD8 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2140CD8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DIO2140
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO2140• Rev. 1.5
Input Resistors (RI)
The input resistors set the gain of the amplifier according to Equation 1.
Resistor matching is very important in fully differential amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic
distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or
better to keep the performance optimized. Matching is more important than overall tolerance. Resistor array with
1% matching can be used with a tolerance greater than 1%.
Decoupling Capacitor (CS)
The DIO2140 is a high-performance class-D audio amplifier that requires adequate power supply decoupling to
ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients, spikes,
or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically 1 μF,
placed as close as possible to the device VDD lead works best.
Input Capacitors (CI)
The DIO2140 does not require input coupling capacitors if the design uses a different source that is biased from
0.5 V to VDD - 0.8 V. If the input signal is not biased within the recommended common-mode input range, if
needing to use the input as a high pass filter, or if using a single-ended source, input coupling capacitors are
required. The input capacitors and input resistors form a high-pass filter with the corner frequency, fC, determined
in Equation 2,
fc =
)
2
(
1
I
I
C
R
Thermal Protection Function
This is the function to establish the thermal protection mode when detecting excessive high temperature of the
DIO2140 itself. In the thermal protection mode, the differential output terminal becomes Weak Low state. And
when the DIO2140 gets out of such condition, the protection mode is canceled.
)
(
Ω
150
2
V
V
R
k
I
Gain
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com