Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2140CD8 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2140CD8
Description  Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2140CD8 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2140CD8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DIO2140
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO2140• Rev. 1.5
Electrical Characteristics
Typical value: TA = 25°C, Gain = 2 V/V, RL = 8 Ω, unless otherwise specified.
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
IQ
Quiescent current
VDD = 5 V, no load
4.6
6
mA
VDD = 3.6 V, no load
3.5
mA
ISD
Consumption current in shutdown
mode
VDD = 3.6 V, CTRL = 0 V
1
μA
VIH
High-level input threshold voltage
VDD = 5 V
1.2
V
VIL
Low-level input threshold voltage
VDD = 5 V
0.7
V
RDS(ON)
Static drain-source on-state
resistance
VDD = 5 V, no load
400
mΩ
VDD = 3.6 V, no load
500
VDD = 2.5 V, no load
700
CMRR
Common mode rejection ratio
VDD = 2.5 V to 5.25 V,
VIC = VDD/2 to 0.5 V,
VIC = VDD/2 to VDD – 0.8 V
-88
-49
dB
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.25 V
-75
-55
dB
fSW
Switching frequency
VDD = 2.5 V to 5.25 V
650
750
800
kHz
AV
Gain
VDD = 2.5 V to 5.25 V
1
300
R
k
1
315
R
k
V
V
Resistance from shutdown to GND
300
kΩ
|VOS|
Output offset voltage
VI = 0 V, AV = 2 V/V,
VDD = 2.5 V to 5.25 V
1
10
mV
PO
Output power
THD + N = 10%,
f = 1 kHz,
RL = 4 Ω,
VDD = 5 V
2.8
W
VDD = 3.6 V
1.45
VDD = 2.5 V
0.52
THD + N = 1%,
f = 1 kHz,
RL = 4 Ω,
VDD = 5 V
2.08
W
VDD = 3.6 V
1.16
VDD = 2.5 V
0.42
THD + N = 10%,
f = 1 kHz,
RL = 8 Ω,
VDD = 5 V
1.7
W
VDD = 3.6 V
0.86
VDD = 2.5 V
0.33
THD + N = 1%,
f = 1 kHz,
RL = 8 Ω,
VDD = 5 V
1.19
W
VDD = 3.6 V
0.69
VDD = 2.5 V
0.28
THD+N
Total harmonic distortion + noise
VDD = 5 V, PO = 1 W, RL = 8 Ω,
f = 1 kHz
0.07
%
1
285
R
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com