Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2140CD8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2140CD8
Description  Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2140CD8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2140CD8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DIO2140
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO2140• Rev. 1.5
VDD = 3.6 V, PO = 0.5 W,
RL = 8 Ω, f = 1 kHz
0.08
%
VDD = 2.5 V, PO = 200 mW,
RL = 8 Ω, f = 1 kHz
0.10
%
η
Efficiency
PO = 1 W, RL = 8 Ω, f = 1 kHz
86
%
KSVR
Supply ripple rejection ratio
VDD = 3.6 V, input ac-grounded with
CI = 2 Μf, f = 217 Hz, V(RIPPLE) = 200
mVPP
-87
dB
SNR
Signal-to-noise ratio
VDD = 5 V, PO = 1 W, RL = 8 Ω
97
dB
Vn
Output voltage noise
VDD = 3.6 V,
f = 20 Hz to 20 kHz,
inputs ac-grounded
with CI = 2 μF
Noweighting
48
μVRMS
A -weighting
36
ZI
Input impedance
142
150
158
kΩ
Start-up time from shutdown
VDD = 3.6 V
1
mS
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com