Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2140CD8 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2140CD8
Description  Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2140CD8 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2140CD8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DIO2140
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO2140• Rev. 1.5
Analog signal input
For a differential input, input signals to P and N pins via DC-cut capacitors (CI). And, with an input impedance of
150 kΩ (typ.), a lower cut-off frequency of an input signal becomes 32.1 Hz at CI = 33 nF.
For a signal-ended input, input a signal to P via a DC-cut capacitor (CI). At this time, N pin should be connected to
AVSS via a DC-cut capacitor (CI) with the same capacitance. Gain and a lower Cut-off frequency are the same as
in the above case.In addition, the output impedance (ZOUT) of the former source circuit, including signal paths up
to P terminal and N terminal should be designed to become 600 Ω or lower.
Recommended Protection Diode
It is necessary to connect the backward diode with the output terminal to prevent IC destruction by the output
self-excitation phenomenon when using it on the conditions of 4.5 V < VDD ≤ 5.25 V.
Component Selection
Figure 2 shows a DIO2140 with differential inputs and input capacitors, and Figure 3 shows a DIO2140 with
single-ended inputs. Differential inputs should be used whenever possible because single-ended inputs are
much more susceptible to noise.
REF DES
Value
EIA Size
RI
150 kΩ (±5%)
0402
CI
33 nF (±10%)
0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com