Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2140CD8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2140CD8
Description  Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2140CD8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2140CD8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2140CD8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.5
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO2140• Rev. 1.5
DIO2140
2.8 W, Monaural Filter-Free, Class-D Audio Amplifier
Features
Maximum output: > 2.5 W, output under 4 Ω
load
Distortion rate (THD):
0.05% (VDD = 5.0 V, PO = 1 W)
High efficiency up to 83% at 400 mW
Filter-free Class-D architecture
Needs only three external components
Short circuit protection function
Thermal shutdown function
Under voltage lockout function
Green package: DFN-8 and MSOP-8
Applications
Wireless or cellular handsets and PDAs
Personal navigation devices
General portable audio devices
Descriptions
The DIO2140 is a 2.8 W high-efficiency filter-free
Class-D audio amplifier, which needs only three
external components. Its optimized PWM output
stage eliminates the LC output filter.
The DIO2140 features its filter-free Class-D
architecture, which leads to a reduction of
peripheral components amount, PCB board area,
and system cost. And high efficiency of up to
90% makes it suitable for cell phones and other
mobile device applications.
Moreover, the DIO2140 is also equipped with
protection functions, such as a short circuit
protection function for the speaker output
terminal, thermal shutdown function for inside of
the device, and under voltage lockout.
Block Diagram
Ordering Information
Part Number
Top Marking
RoHS
MSL
TA
Package
DIO2140CD8
D2140
Green
Level-3
-40 to +85°C
DFN-8
Tape & Reel, 3000
DIO2140CM8
DIO2140
Green
Level-3
-40 to +85°C
MSOP-8
Tape & Reel, 3000


Similar Part No. - DIO2140CD8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2172 DIOO-DIO2172 Datasheet
598Kb / 8P
RRIO 10 MHz Amplifier
Rev 1.2
DIO2172TST8 DIOO-DIO2172TST8 Datasheet
598Kb / 8P
RRIO 10 MHz Amplifier
Rev 1.2
DIO2186 DIOO-DIO2186 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
DIO2186ASC6 DIOO-DIO2186ASC6 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
DIO2186AST5 DIOO-DIO2186AST5 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
More results

Similar Description - DIO2140CD8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TBA641 FAIRCHILD-TBA641 Datasheet
356Kb / 6P
AUDIO AMPLIFIER
logo
List of Unclassifed Man...
AMIS-14935 ETC2-AMIS-14935 Datasheet
1Mb / 9P
Audio Amplifier
logo
JILIN SINO-MICROELECTRO...
TIP35C JSMC-TIP35C Datasheet
329Kb / 4P
Audio amplifier
TIP36C JSMC-TIP36C Datasheet
327Kb / 4P
Audio amplifier
logo
Analog Devices
SSM3515 AD-SSM3515_17 Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
STMicroelectronics
BC287 STMICROELECTRONICS-BC287 Datasheet
91Kb / 4P
AUDIO AMPLIFIER
Jan-1989
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
List of Unclassifed Man...
BC286 ETC-BC286 Datasheet
112Kb / 2P
AUDIO AMPLIFIER
JANUARY 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com