Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032DZC Datasheet(PDF) 8 Page - STMicroelectronics

Part # M58MR032DZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032DZC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M58MR032DZC Datasheet HTML 4Page - STMicroelectronics M58MR032DZC Datasheet HTML 5Page - STMicroelectronics M58MR032DZC Datasheet HTML 6Page - STMicroelectronics M58MR032DZC Datasheet HTML 7Page - STMicroelectronics M58MR032DZC Datasheet HTML 8Page - STMicroelectronics M58MR032DZC Datasheet HTML 9Page - STMicroelectronics M58MR032DZC Datasheet HTML 10Page - STMicroelectronics M58MR032DZC Datasheet HTML 11Page - STMicroelectronics M58MR032DZC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
M58MR032C, M58MR032D
8/52
Table 7. Read Protection Register (RSIG and RCFI Instruction) (1)
Note: 1. Addresses are latched on the rising edge of L input.
2. X = Don’t care.
Table 8. Dual Bank Operations (1, 2, 3)
Note: 1. For detailed description of command see Table 33 and 34.
2. There is a status register for each bank; status register indicates bank state, not P/E.C. status.
3. Command must be written to an address within the block targeted by that command.
Word
E
G
W
A20-17
ADQ15-8
ADQ7-0
ADQ15-8
ADQ7-3
ADQ2
ADQ1
ADQ0
Lock
VIL
VIL
VIH
X (2)
X (2)
80h
00h
00000B
Security
prot.data
OTP
prot.data
0
Unique
ID 0
VIL
VIL
VIH
X (2)
X (2)
81h
ID data
ID data
ID data
ID data
ID data
Unique
ID 1
VIL
VIL
VIH
X (2)
X (2)
82h
ID data
ID data
ID data
ID data
ID data
Unique
ID 2
VIL
VIL
VIH
X (2)
X (2)
83h
ID data
ID data
ID data
ID data
ID data
Unique
ID 3
VIL
VIL
VIH
X (2)
X (2)
84h
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL
VIL
VIH
X (2)
X (2)
85h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
OTP 1
VIL
VIL
VIH
X (2)
X (2)
86h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
OTP 2
VIL
VIL
VIH
X (2)
X (2)
87h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
OTP 3
VIL
VIL
VIH
X (2)
X (2)
88h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
Status of one
bank
Commands allowed in the other bank
Read
Array
Read
Status
Read
ID/CFI
Program
Erase/
Erase
Resume
Program
Suspend
Erase
Suspend
Protect
Unprotect
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Reading
––––
––––
Programming
Yes
Yes
Yes
–
–
–
–
Yes
Erasing
Yes
Yes
Yes
–
–
–
–
Yes
Program
Suspended
Yes
Yes
Yes
–
–
–
–
Yes
Erase
Suspended
Yes
Yes
Yes
Yes
–
Yes
–
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com