Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032DZC Datasheet(PDF) 38 Page - STMicroelectronics

Part # M58MR032DZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032DZC Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M58MR032DZC Datasheet HTML 34Page - STMicroelectronics M58MR032DZC Datasheet HTML 35Page - STMicroelectronics M58MR032DZC Datasheet HTML 36Page - STMicroelectronics M58MR032DZC Datasheet HTML 37Page - STMicroelectronics M58MR032DZC Datasheet HTML 38Page - STMicroelectronics M58MR032DZC Datasheet HTML 39Page - STMicroelectronics M58MR032DZC Datasheet HTML 40Page - STMicroelectronics M58MR032DZC Datasheet HTML 41Page - STMicroelectronics M58MR032DZC Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
M58MR032C, M58MR032D
38/52
Table 30. Write AC Characteristics, Chip Enable Controlled
(TA = –40 to 85 °C; VDD = VDDQ = 1.7V to 2.0V)
Symbol
Alt
Parameter
M58MR032
Unit
100
120
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
100
120
ns
tAVLH
Address Valid to Latch Enable High
10
10
ns
tDVEH
tDS
Input Valid to Chip Enable High
40
40
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
30
30
ns
tEHWH
tWH
Chip Enable High to Write Enable High
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
60
60
ns
tELLH
Chip Enable Low to Latch Enable High
10
10
ns
tGHLL
Output Enable High to Latch Enable Low
20
20
ns
tLHAX
Latch Enable High to Address Transition
10
10
ns
tLHEH
Latch Enable High to Chip Enable High
10
10
ns
tLLLH
Latch Enable Pulse Width
10
10
ns
tVDHEL
tVCS
VDD High to Chip Enable Low
50
50
µs
tVPPHEH
VPP High to Chip Enable High
200
200
ns
tEHVPPL
Chip Enable High to VPP Low
200
200
ns
tEHWPV
Chip Enable High to Write Protect Valid
200
200
ns
tWLEL
tWS
Chip Enable Low to Chip Enable Low
0
0
ns
tWPVEH
Write Protect Valid to Chip Enable High
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com