Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032DZC Datasheet(PDF) 31 Page - STMicroelectronics

Part # M58MR032DZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032DZC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M58MR032DZC Datasheet HTML 27Page - STMicroelectronics M58MR032DZC Datasheet HTML 28Page - STMicroelectronics M58MR032DZC Datasheet HTML 29Page - STMicroelectronics M58MR032DZC Datasheet HTML 30Page - STMicroelectronics M58MR032DZC Datasheet HTML 31Page - STMicroelectronics M58MR032DZC Datasheet HTML 32Page - STMicroelectronics M58MR032DZC Datasheet HTML 33Page - STMicroelectronics M58MR032DZC Datasheet HTML 34Page - STMicroelectronics M58MR032DZC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
31/52
M58MR032C, M58MR032D
Table 27. Asynchronous Read AC Characteristics
(TA = –40 to 85°C; VDD = VDDQ = 1.7V to 2.0V)
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
Symbol
Alt
Parameter
Test Condition
M58MR032
Unit
100
120
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next
Address Valid
E = VIL, G = VIL
100
120
ns
tAVLH
tAVAVDH
Address valid to Latch
Enable High
G = VIH
10
10
ns
tAVQV
tACC
Address Valid to Output
Valid (Random)
E = VIL, G = VIL
100
120
ns
tAVQV1
tPAGE
Address Valid to Output
Valid (Page)
E = VIL, G = VIL
45
45
ns
tEHQX
tOH
Chip Enable High to Output
Transition
G = VIL
00
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output
Hi-Z
G = VIL
20
20
ns
tELLH
tELAVDH
Chip Enable Low to Latch
Enable High
E = VIL, G = VIH
10
10
ns
tELQV
(2)
tCE
Chip Enable Low to Output
Valid
G = VIL
100
120
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
G = VIL
00
ns
tGHQX
tOH
Output Enable High to
Output Transition
E = VIL
00
ns
tGHQZ
(1)
tDF
Output Enable High to
Output Hi-Z
E = VIL
20
20
ns
tGLQV
(2)
tOE
Output Enable Low to
Output Valid
E = VIL
25
35
ns
tGLQX
(1)
tOLZ
Output Enable Low to
Output Transition
E = VIL
00
ns
tLHAX
tAVDHAX
Latch Enable High to
Address Transition
E = VIL, G = VIH
10
10
ns
tLHGL
Latch Enable High to
Output Enable Low
E = VIL
10
10
ns
tLLLH
tAVDLAVDH
Latch Enable Pulse Width
E = VIL, G = VIH
10
10
ns
tLLQV
tAVDLQV
Latch Enable Low to
Output Valid (Random)
E = VIL
100
120
ns
tLLQV1
Latch Enable Low to
Output Valid (Page)
E = VIL
45
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com