Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032DZC Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58MR032DZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032DZC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58MR032DZC Datasheet HTML 16Page - STMicroelectronics M58MR032DZC Datasheet HTML 17Page - STMicroelectronics M58MR032DZC Datasheet HTML 18Page - STMicroelectronics M58MR032DZC Datasheet HTML 19Page - STMicroelectronics M58MR032DZC Datasheet HTML 20Page - STMicroelectronics M58MR032DZC Datasheet HTML 21Page - STMicroelectronics M58MR032DZC Datasheet HTML 22Page - STMicroelectronics M58MR032DZC Datasheet HTML 23Page - STMicroelectronics M58MR032DZC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
M58MR032C, M58MR032D
20/52
Power-down configuration (CR10). The RP pin
may be configured to give very low power con-
sumption when driven low (power-down state). In
power-down the ICC supply current is reduced to a
typical figure of ICC2; if this function is disabled
(default at power-up) the RP pin causes only a re-
set of the device and the supply current is the
stand-by value. The recovery time after a RP pulse
is significantly longer when power-down is en-
abled (see Table 31).
Wait configuration (CR8). In burst mode WAIT
indicates whether the data on the output bus are
valid or a wait state must be inserted. The config-
uration bit determines if WAIT will be asserted one
clock cycle before the wait state or during the wait
state (see Figure 7). WAIT is asserted during a
continuous burst and also during a 4 or 8 burst
length if no-wrap configuration is selected.
Burst order configuration (CR7) and Burst
Wrap configuration (CR3). See Table 16 for
burst order and length.
Clock configuration (CR6). In burst mode deter-
mines if address is latched and data is output on
the rising or falling edge of the clock.
Burst length (CR2-CR0). In burst mode deter-
mines the number of words output by the memory.
It is possible to have 4 words, 8 words or a contin-
uous burst mode, in which all the words are read
sequentially. In continuous burst mode the burst
sequence can cross the end of each of the two
banks (all banks in read array mode). In continu-
ous burst mode or in 4, 8 words no-wrap it may
happen that the memory will stop the data output
flow for a few clock cycles; this event is signaled by
WAIT going low until the output flow is resumed.
The initial address determines if the output delay
will occur as well as its duration. If the starting ad-
dress is aligned to a four words boundary no wait
states will be needed. If the starting address is
shifted by 1,2 or 3 positions from the four word
boundary, WAIT will be asserted for 1, 2 or 3 clock
cycles when the burst sequence is crossing the
first 64 word boundary. WAIT will be asserted only
once during a continuous burst access. See also
Table 16.
Figure 6. X-Latency Configuration Sequence
AI90024
A20-A16
VALID ADDRESS
K
L
ADQ15-ADQ0
VALID ADDRESS
VALID DATA
VALID DATA
ADQ15-ADQ0
VALID ADDRESS
VALID DATA
ADQ15-ADQ0
VALID ADDRESS
VALID DATA
VALID DATA
VALID DATA
CONFIGURATION CODE 4
CONFIGURATION CODE 3
CONF. CODE 2
VALID DATA
VALID DATA
VALID DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com