Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032DZC Datasheet(PDF) 51 Page - STMicroelectronics

Part # M58MR032DZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032DZC Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M58MR032DZC Datasheet HTML 44Page - STMicroelectronics M58MR032DZC Datasheet HTML 45Page - STMicroelectronics M58MR032DZC Datasheet HTML 46Page - STMicroelectronics M58MR032DZC Datasheet HTML 47Page - STMicroelectronics M58MR032DZC Datasheet HTML 48Page - STMicroelectronics M58MR032DZC Datasheet HTML 49Page - STMicroelectronics M58MR032DZC Datasheet HTML 50Page - STMicroelectronics M58MR032DZC Datasheet HTML 51Page - STMicroelectronics M58MR032DZC Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
51/52
M58MR032C, M58MR032D
Figure 22. TFBGA48 Daisy Chain - Package Connections (Top view through package)
Figure 23. TFBGA48 Daisy Chain - PCB Connections proposal (Top view through package)
AI90039
H
G
6
5
4
3
D
C
E
F
A
B
12
78
13
12
11
10
914
END
POINT
START
POINT
AI90040
H
G
6
5
4
3
D
C
E
F
A
B
12
78
13
12
11
10
914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com