Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064EB Datasheet(PDF) 75 Page - STMicroelectronics

Part # M58WR064EB
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064EB Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M58WR064EB Datasheet HTML 71Page - STMicroelectronics M58WR064EB Datasheet HTML 72Page - STMicroelectronics M58WR064EB Datasheet HTML 73Page - STMicroelectronics M58WR064EB Datasheet HTML 74Page - STMicroelectronics M58WR064EB Datasheet HTML 75Page - STMicroelectronics M58WR064EB Datasheet HTML 76Page - STMicroelectronics M58WR064EB Datasheet HTML 77Page - STMicroelectronics M58WR064EB Datasheet HTML 78Page - STMicroelectronics M58WR064EB Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
75/82
M58WR064ET, M58WR064EB
Figure 30. Quadruple Enhanced Factory Program Flowchart
Write 75h
Address WA1
AI06178b
Start
End
Write PD1
Address WA1(1)
Write PD2
Address WA2(2)
Write PD3
Address WA3(2)
Read Status
Register
SETUP PHASE
PROGRAM AND
VERIFY PHASE
SR7 = 0?
YES
NO
Check SR4, SR3
and SR1 for program,
VPP and Lock Errors
Exit
Check SR4 for
Programming Errors
YES
Note 1. Address can remain Starting Address WA1 (in which case the next Page is programmed) or can be
any address in the same block.
2.The address is only checked for the first Word of each Page as the order to program the Words is fixed
so subsequent Words in each Page can be written to any address.
LOAD PHASE
EXIT PHASE
Write PD4
Address WA4(2)
SR0 = 0?
Last Page?
YES
NO
Write FFFFh
Address
Block WA1
Write PD1
Address WA1
Read Status
Register
NO
FIRST
LOAD PHASE
=/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com