Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064EB Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58WR064EB
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064EB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58WR064EB Datasheet HTML 17Page - STMicroelectronics M58WR064EB Datasheet HTML 18Page - STMicroelectronics M58WR064EB Datasheet HTML 19Page - STMicroelectronics M58WR064EB Datasheet HTML 20Page - STMicroelectronics M58WR064EB Datasheet HTML 21Page - STMicroelectronics M58WR064EB Datasheet HTML 22Page - STMicroelectronics M58WR064EB Datasheet HTML 23Page - STMicroelectronics M58WR064EB Datasheet HTML 24Page - STMicroelectronics M58WR064EB Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
21/82
M58WR064ET, M58WR064EB
the P/E.C. fails to program and reprogram a given
location, the error will be signaled in the Status
Register.
Table 7. Factory Program Commands
Note: 1. WA=Word Address in targeted bank, BKA= Bank Address, PD=Program Data, BA=Block Address.
2. WA1 is the Start Address. NOT WA1 is any address that is not in the same block as WA1.
3. Address can remain Starting Address WA1 or be incremented.
4. Word Addresses 1 and 2 must be consecutive Addresses differing only for A0.
5. Word Addresses 1,2,3 and 4 must be consecutive Addresses differing only for A0 and A1.
6. A Bus Read must be done between each Write cycle where the data is programmed or verified to read the Status Register and
check that the memory is ready to accept the next data. n = number of Words, i = number of Pages to be programmed.
7. Address is only checked for the first Word of each Page as the order to program the Words in each page is fixed so subsequent
Words in each Page can be written to any address.
8. Any address within the bank can be used.
9. Any address within the block can be used.
Command
Phase
Bus Write Operations
1st
2nd
3rd
Final -1
Final
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Bank Erase
2
BKA
80h
BKA
D0h
Double Word Program(4)
3
BKA or
WA1(8)
35h
WA1
PD1
WA2
PD2
Quadruple Word
Program(5)
5
BKA or
WA1(8)
56h
WA1
PD1
WA2
PD2
WA3
PD3
WA4
PD4
Enhanced
Factory
Program (6)
Setup,
Program
2+
n+1
BKA or
WA1(8)
30h
BA or
WA1(9)
D0h
WA1(2)
PD1
WAn(3)
PAn
NOT
WA1(2)
FFFFh
Verify, Exit
n+1
WA1(2)
PD1
WA2(3)
PD2
WA3(3)
PD3
WAn(3)
PAn
NOT
WA1(2)
FFFFh
Quadruple
Enhanced
Factory
Program
(5,6)
Setup,
first Load
5
BKA or
WA1(8)
75h
WA1(2)
PD1
WA2(7)
PD2
WA3(7) PD3 WA4(7)
PD4
First
Program &
Verify
Automatic
Subsequent
Loads
4
WA1i
(2)
PD1i
WA2i
(7)
PD2i
WA3i
(7)
PD3i
WA4i
(7)
PD4i
Subsequent
Program &
Verify
Automatic
Exit
1
NOT
WA1
(2)
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com