Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064EB Datasheet(PDF) 50 Page - STMicroelectronics

Part # M58WR064EB
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064EB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M58WR064EB Datasheet HTML 46Page - STMicroelectronics M58WR064EB Datasheet HTML 47Page - STMicroelectronics M58WR064EB Datasheet HTML 48Page - STMicroelectronics M58WR064EB Datasheet HTML 49Page - STMicroelectronics M58WR064EB Datasheet HTML 50Page - STMicroelectronics M58WR064EB Datasheet HTML 51Page - STMicroelectronics M58WR064EB Datasheet HTML 52Page - STMicroelectronics M58WR064EB Datasheet HTML 53Page - STMicroelectronics M58WR064EB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
M58WR064ET, M58WR064EB
50/82
PACKAGE MECHANICAL
Figure 18. VFBGA56 - 7.7x9mm, 8x7 ball array, 0.75mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
Table 25. VFBGA56 - 7.7x9mm, 8x7 ball array, 0.75mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.000
0.0394
A1
0.200
0.0079
A2
0.660
0.0260
b
0.350
0.300
0.400
0.0138
0.0118
0.0157
D
7.700
7.600
7.800
0.3031
0.2992
0.3071
D1
5.250
–
–
0.2067
–
–
ddd
0.080
0.0031
e
0.750
–
–
0.0295
–
–
E
9.000
8.900
9.100
0.3543
0.3504
0.3583
E1
4.500
–
–
0.1772
–
–
FD
1.225
–
–
0.0482
–
–
FE
2.250
–
–
0.0886
–
–
SD
0.375
–
–
0.0148
–
–
E1
E
D1
D
eb
A2
A1
A
BGA-Z38
ddd
FD
FE
SD
e
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com