Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064EB Datasheet(PDF) 61 Page - STMicroelectronics

Part # M58WR064EB
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064EB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M58WR064EB Datasheet HTML 57Page - STMicroelectronics M58WR064EB Datasheet HTML 58Page - STMicroelectronics M58WR064EB Datasheet HTML 59Page - STMicroelectronics M58WR064EB Datasheet HTML 60Page - STMicroelectronics M58WR064EB Datasheet HTML 61Page - STMicroelectronics M58WR064EB Datasheet HTML 62Page - STMicroelectronics M58WR064EB Datasheet HTML 63Page - STMicroelectronics M58WR064EB Datasheet HTML 64Page - STMicroelectronics M58WR064EB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
61/82
M58WR064ET, M58WR064EB
Table 35. Protection Register Information
Table 36. Burst Read Information
Table 37. Bank and Erase Block Region Information
Note: 1. The variable P is a pointer which is defined at CFI offset 15h.
2. Bank Regions. There are two Bank Regions, 1 contains all the banks that are made up of main blocks only, 2 contains the banks
that are made up of the parameter and main blocks.
(P+C)h = 45h
0018h
VDD Logic Supply Optimum Program/Erase voltage (highest performance)
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 100 mV
1.8V
(P+D)h = 46h
00C0h
VPP Supply Optimum Program/Erase voltage
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 100 mV
12V
Offset
Data
Description
Value
(P+E)h = 47h
0001h
Number of protection register fields in JEDEC ID space. 0000h indicates that
256 fields are available.
1
(P+F)h = 48h
0080h
Protection Field 1: Protection Description
Bits 0-7 Lower byte of protection register address
Bits 8-15 Upper byte of protection register address
Bits 16-23 2n bytes in factory pre-programmed region
Bits 24-31 2n bytes in user programmable region
0080h
(P+10)h = 49h
0000h
(P+11)h =
4Ah
0003h
8 Bytes
(P+12)h= 4Bh
0004h
16 Bytes
Offset
Data
Description
Value
(P+13)h = 4Ch
0003h
Page-mode read capability
bits 0-7
’n’ such that 2n HEX value represents the number of read-
page bytes. See offset 28h for device word width to
determine page-mode data output width.
8 Bytes
(P+14)h = 4Dh
0003h
Number of synchronous mode read configuration fields that follow.
3
(P+15)h = 4Eh
0001h
Synchronous mode read capability configuration 1
bit 3-7
Reserved
bit 0-2
’n’ such that 2n+1 HEX value represents the maximum
number of continuous synchronous reads when the device is
configured for its maximum word width. A value of 07h
indicates that the device is capable of continuous linear bursts
that will output data until the internal burst counter reaches
the end of the device’s burstable address space. This field’s
3-bit value can be written directly to the read configuration
register bit 0-2 if the device is configured for its maximum
word width. See offset 28h for word width to determine the
burst data output width.
4
(P+16)h = 4Fh
0002h
Synchronous mode read capability configuration 2
8
(P+17)h = 50h
0007h
Synchronous mode read capability configuration 3
Cont.
M58WR064ET (top)
M58WR064EB (bottom)
Description
Offset
Data
Offset
Data
(P+18)h =51h
02h
(P+18)h =51h
02h
Number of Bank Regions within the device
Offset
Data
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com