Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064EB Datasheet(PDF) 78 Page - STMicroelectronics

Part # M58WR064EB
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064EB Datasheet(HTML) 78 Page - STMicroelectronics

Back Button M58WR064EB Datasheet HTML 74Page - STMicroelectronics M58WR064EB Datasheet HTML 75Page - STMicroelectronics M58WR064EB Datasheet HTML 76Page - STMicroelectronics M58WR064EB Datasheet HTML 77Page - STMicroelectronics M58WR064EB Datasheet HTML 78Page - STMicroelectronics M58WR064EB Datasheet HTML 79Page - STMicroelectronics M58WR064EB Datasheet HTML 80Page - STMicroelectronics M58WR064EB Datasheet HTML 81Page - STMicroelectronics M58WR064EB Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
M58WR064ET, M58WR064EB
78/82
Table 41. Command Interface States - Modify Table, Next Output
Note: 1. CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple Enhanced Fac-
tory Program, DWP = Double Word Program, QWP = Quadruple Word Program, P/E. C. = Program/Erase Controller.
2. At Power-Up, all banks are in Read Array mode. A Read Array command issued to a busy bank, results in undetermined data out-
put.
3. The two cycle command should be issued to the same bank address.
4. If the P/E.C. is active, both cycles are ignored.
5. The Clear Status Register command clears the Status Register error bits except when the P/E.C. is busy or suspended.
6. The output state shows the type of data that appears at the outputs if the bank address is the same as the command address. A
bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI Query mode, depending on the
command issued. Each bank remains in its last output state until a new command is issued. The next state does not depend on the
bank’s output state.
Current CI State
Next Output State After Command Input (6)
Read
Array(2)
Program
DWP,
QWP
Setup
(3,4)
Block
Erase,
Bank
Erase
Setup
(3,4)
EFP
Setup
Quad-
EFP
Setup
Erase
Confirm
P/E
Resume,
Block
Unlock
confirm,
EFP
Confirm
Program/
Erase
Suspend
Read
Status
Register
Clear status
Register
(5)
Read
Electronic
signature,
Read CFI
Query
Program Setup
Status Register
Erase Setup
OTP Setup
Program in
Erase Suspend
EFP Setup
EFP Busy
EFP Verify
Quad EFP Setup
Quad EFP Busy
Lock/CR Setup
Status Register
Lock/CR Setup
in Erase
Suspend
OTP Busy
Array
Status Register
Output Unchanged
Status
Register
Output
Unchanged
Status
Register
Ready
Array
Status Register
Output Unchanged
Status
Register
Output
Unchanged
Electronic
Signature/
CFI
Program Busy
Erase Busy
Program/Erase
Program in
Erase Suspend
Busy
Program in
Erase Suspend
Suspended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com