Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5913 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M5913
Description  COMBINED SINGLE CHIP PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5913 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M5913 Datasheet HTML 5Page - STMicroelectronics M5913 Datasheet HTML 6Page - STMicroelectronics M5913 Datasheet HTML 7Page - STMicroelectronics M5913 Datasheet HTML 8Page - STMicroelectronics M5913 Datasheet HTML 9Page - STMicroelectronics M5913 Datasheet HTML 10Page - STMicroelectronics M5913 Datasheet HTML 11Page - STMicroelectronics M5913 Datasheet HTML 12Page - STMicroelectronics M5913 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GAIN TRACKING Reference Level = – 10dBm0
GT1X
Transmit Gain Tracking Error
Sinusoidal Input;
µ-law
+ 3 to – 40dBm0
– 40 to – 50dBm0
– 50 to – 55dBm0
± 0.2
± 0.4
± 1.0
dB
dB
dB
GT2X
Transmit Gain Tracking Error
Sinusoidal Input; A-law
+ 3 to – 40dBm0
– 40 to – 50dBm0
– 50 to – 55dBm0
± 0.2
± 0.4
± 1.0
dB
dB
dB
GT1R
Receive Gain Tracking Error
Sinusoidal Input;
µ-law
+ 3 to – 40dBm0
– 40 to – 50dBm0
– 50 to – 55dBm0
± 0.2
± 0.4
± 1.0
dB
dB
dB
GT2R
Receive Gain Tracking Error
Sinusoidal Input; A-law
+ 3 to – 40dBm0
– 40 to – 50dBm0
– 50 to – 55dBm0
± 0.2
± 0.4
± 1.0
dB
dB
dB
NOISE
NXC1
Transmit Noise, C-message Weighted
VFXI+ = GRDA, VFXI– = GSX
0
13
dBrnc0
NXC2
Transmit Noise, C-message
Weighted with Eighth Bit Signaling
VFXI+ = GRDA, VFXI– = GSX
6 th Frame Signaling
13
18
dBrnc0
NXP
Transmit Noise, Psophometrically
Weighted
VFXI+ = GRDA, VFXI– = GSX
(note 3)
– 80
dBrnc0
NRC1
Receive Noise, C-message Weighted:
Quiet Code
DR = 11111111 Measure at
PWRO+
1
9
dBrnc0
NRC2
Receive Noise, C-message Weighted:
Sign Bit Toggle
Input to DR is 0 code with
Sign Bit Toggle at 1KHz Rate
1
10
dBm0p
NRP
Receive Noise, Psophometrically
Weighted
DR = Lowest Positive Decode
Level
-90
– 81
dB0p
NSF
Single Frequency NOISE End to End
Measurement
CCITT G.712.4.2
– 50
dBm0
PSRR1
VCC Power Supply Rejection, Transmit
Channel
Idle Channel ; 200mV P-P
Signal on Supply ; 0 to
50kHz, Measure at DX
–40
dB
PSRR2
VBB Power Supply Rejection, Transmit
Channel
Idle Channel ; 200mV P-P
Signal on Supply ; 0 to
50kHz, Measure at DX
–40
dB
PSRR3
VCC Power Supply Rejection, Receive
Channel
Idle Channel ; 200mV P-P
Signal on Supply ; Measure
Narrow Band at PWRO+
Single Ended, 0 to 50kHz
–40
dB
PSRR4
VBB Power Supply, Rejection Receive
Channel
Idle Channel ; 200mV P-P
Signal on Supply ; Measure
Narrow Band at PWRO+
Single Ended, 0 to 50kHz
–40
dB
CTTR
Crosstalk, Transmit to Receive,
Single Ended Outputs
VFXI+ = 0dBm0, 1.02kHz,
DR = Lowest Positive Decode
Level, Measure at PWRO+
–80
dB
CTRT
Crosstalk, Receive to Transmit,
Single Ended Outputs
DB = 0dBm0, 1.02kHz,
VFXI+ = GRDA, Measure at
DX
–80
dB
Notes:
1. 0dBm0 is defined as the zero reference point of the channel under test (0TLP). This corresponds to an analog signal input of 1.064 Vrms
or an output of 1.503 Vrmst (
µLaw) dual 1.068 Vrmst or a output 1.516 Vrmst (A-Law)
2. Unity gain input amplifier : GSX is connected to VFXI, Signal input VFXI+; Maximum gain output amplifier: GSR is connected to PWRO,
output to PWRO+.
3. Noise free: DX PCM Code stable at 01010101.
AC CHARACTERISTICS (continued)
M5913
9/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com