Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5913 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M5913
Description  COMBINED SINGLE CHIP PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5913 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M5913 Datasheet HTML 8Page - STMicroelectronics M5913 Datasheet HTML 9Page - STMicroelectronics M5913 Datasheet HTML 10Page - STMicroelectronics M5913 Datasheet HTML 11Page - STMicroelectronics M5913 Datasheet HTML 12Page - STMicroelectronics M5913 Datasheet HTML 13Page - STMicroelectronics M5913 Datasheet HTML 14Page - STMicroelectronics M5913 Datasheet HTML 15Page - STMicroelectronics M5913 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
RECEIVE CHANNEL TRANSFER CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GRR
Gain Relative to Gainat 1.02kHz
0dBm0 Signal Input at DR
below 200Hz
+ 0.125
dB
200Hz
– 0.5
+ 0.125
dB
300 to 3000Hz
– 0.125
+ 0.125
dB
3300Hz
– 0.35
+ 0.03
dB
3400Hz
– 0.7
– 0.1
dB
4000Hz
–14
dB
4600Hz and Above
–30
dB
A.C. CHARACTERISTICS (continued)
Figure 6: Receive Filter
M5913
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com