Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5913 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M5913
Description  COMBINED SINGLE CHIP PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5913 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M5913 Datasheet HTML 6Page - STMicroelectronics M5913 Datasheet HTML 7Page - STMicroelectronics M5913 Datasheet HTML 8Page - STMicroelectronics M5913 Datasheet HTML 9Page - STMicroelectronics M5913 Datasheet HTML 10Page - STMicroelectronics M5913 Datasheet HTML 11Page - STMicroelectronics M5913 Datasheet HTML 12Page - STMicroelectronics M5913 Datasheet HTML 13Page - STMicroelectronics M5913 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
A.C. CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DISTORTION
SD1X
Transmit Signal to Distortion,
µ-law
Sinusoidal Input;
CCITT G.712-method 2
0
≤ VFXI+ ≤ – 30dBm0
– 40dBm0
– 45dBm0
36
30
25
dB
dB
dB
SD2X
Transmit Signal to Distortion, A-law
Sinusoidal Input,
CCITT G.712-method 2
0
≤ VFXI+ ≤ – 30dBm0
– 40dBm0
– 45dBm0
36
30
25
dB
dB
dB
SD1R
Transmit Signal to Distortion,
µ-law Sinusoidal Input ,
CCITT G.712-method 2
0
≤ VFXI+ ≤ – 30dBm0
– 40dBm0
– 45dBm0
36
30
25
dB
dB
dB
SD2R
Receive Signal to Distortion, A-law
Sinusoidal Input;
CCITT G.712-method 2
0
≤ VFXI+ ≤ – 30dBm0
– 40dBm0
– 45dBm0
36
30
25
dB
dB
dB
DPX1
Transmit Single Frequency Distortion
Products
AT & T Adivisory # 64 (3.8)
0dBm0 Input Signal
–46
dB
DPR1
Receive Single Frequency Distortion
Products
AT & T Adivisory # 64 (3.8)
0dBm0 Input Signal
–46
dB
IMD1
Intermodulation Distortion,
End to End Measurement
CCITT G.712 (7.1)
– 35
dB
IMD2
Intermodulation Distortion,
End to End Measurement
CCITT G.712 (7.2)
– 49
dB
SOS
Spurious Out of Band Signals,
End to End Measurement
CCITT G.712 (6.1)
– 30
dBm0
SIS
Spurious in Band Signals,
End to End Measurement
CCITT G.712 (9)
– 40
dBm0
DAX
Transmit Absolute Delay
Fixed Data Rate CLKX =
2.048MHz,
0dBm0, 1.02kHz Signal at
VFXI+ Measure at DX
300
µs
DDX
Transmit Differential Envelope Delay
Relative to DAX
f = 500 – 600Hz
f = 600 – 1000Hz
f = 1000 – 2600Hz
f = 2600 – 2800Hz
170
95
45
80
µs
µs
µs
µs
DAR
Receive Absolute Delay
Fixed data rate, CLKR =
2.048MHz;
Digital input is DMW codes.
Measure at PWRO+
190
µs
DDR
Receive Differential Envelope Delay
Relative to DAR
f = 500 – 600Hz
f = 600 – 1000Hz
f = 1000 – 2600Hz
f = 2600 – 2800Hz
10
10
85
110
µs
µs
µs
µs
M5913
10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com