Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5913 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M5913
Description  COMBINED SINGLE CHIP PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5913 Datasheet(HTML) 1 Page - STMicroelectronics

  M5913 Datasheet HTML 1Page - STMicroelectronics M5913 Datasheet HTML 2Page - STMicroelectronics M5913 Datasheet HTML 3Page - STMicroelectronics M5913 Datasheet HTML 4Page - STMicroelectronics M5913 Datasheet HTML 5Page - STMicroelectronics M5913 Datasheet HTML 6Page - STMicroelectronics M5913 Datasheet HTML 7Page - STMicroelectronics M5913 Datasheet HTML 8Page - STMicroelectronics M5913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
M5913
COMBINED SINGLE CHIP PCM CODEC AND FILTER
SYNCHRONOUS CLOCKS ONLY
AT&T D3/D4 AND CCITT COMPATIBLE
TWO TIMING MODES:
FIXED
DATA
RATE
MODE
1.536MHz,
1.544MHz, 2.048MHz
VARIABLE DATA MODE: 64KHz - 4.096MHz
PIN SELECTABLE
µ-LAW OR A-LAW OP-
ERATION
NO EXTERNAL COMPONENTS FOR SAM-
PLE-AND-HOLD AND AUTO ZERO FUNC-
TIONS
LOW POWER DISSIPATION:
0.5mW POWER DOWN
70mW OPERATING
EXCELLENT POWER SUPPLY REJECTION
DESCRIPTION
The M5913 is fully integrated PCM (pulse code
modulation) codecs and transmit/receive filter us-
ing CMOS silicon gate technology.
The primary applications for the M5913 are tele-
phone systems :
- Switching - M5913-Digital PBX’s and Central
Office Switching Systems
- Concentration - M5913 Subscriber Carrier and
Concentrators.
The wide dynamic range (78dB) and the minimal
conversion time make it ideal products for other
applications such as:
- Voice Store and Forward
- Secure Communications Systems
- Digital Echo Cancellers
- Satellite Earth Stations.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
December 1993
BLOCK DIAGRAM
DIP 20
ORDERING NUMBER: M5913B1
1/17


Similar Part No. - M5913

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
1.2A charging 1 A discharging Highly integrated mobile power SOC
More results

Similar Description - M5913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com