Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5913 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M5913
Description  COMBINED SINGLE CHIP PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5913 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M5913 Datasheet HTML 9Page - STMicroelectronics M5913 Datasheet HTML 10Page - STMicroelectronics M5913 Datasheet HTML 11Page - STMicroelectronics M5913 Datasheet HTML 12Page - STMicroelectronics M5913 Datasheet HTML 13Page - STMicroelectronics M5913 Datasheet HTML 14Page - STMicroelectronics M5913 Datasheet HTML 15Page - STMicroelectronics M5913 Datasheet HTML 16Page - STMicroelectronics M5913 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AC CHARACTERISTICS - TIMING PARAMETERS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CLOCK SECTION
tCY
Clock Period, CLKX, CLKR
fCLKX =fCLKR = 2.048MHz
488
ns
tCLK
Clock Pulse Width
CLKX,CLKR
195
ns
tDCLK
Data Clock Pulse Width
1
64kHz
≤ fDCLK ≤ 2.048MHz
195
ns
tCDC
Clock Duty Cycle
CLKX,CLKR
40
50
60
%
tr,tf
Clock Rise and Fall Time
5
30
ns
TRANSMIT SECTION, FIXED DATA RATE MODE
2
tDZX
Data Enabled on TS Entry
0 < CLOAD < 100pF
0
145
ns
tDDX
Data Delay from CLKX
0< CLOAD < 100pF
0
145
ns
tHZX
Data Float on TS Exit
CLOAD = 0
60
190
ns
tSON
Timeslot X to Enable
0 < CLOAD < 100pF
0
145
ns
tSOFF
Timeslot X to Disable
CLOAD = 0
50
190
ns
tFSD
Frame Sync Delay
0
120
ns
tSS
Signal Setup Time
0
ns
tSH
Signal Setup Time
0
ns
RECEIVE SECTION, FIXED DATA RATE MODE
tDSR
Receive Data Setup
10
ns
tDHR
Receive Data Hold
60
ns
tFSD
Frame Sync Delay
0
120
ns
tSIGR
SIGR Update
0
2
µs
TRANSMIT SECTION, FIXED DATA RATE MODE
2
tTSDX
Timeslot Delay from DCLKX
-80
80
ns
tFSD
Frame Sync Delay
0
120
ns
tDDX
Data Delay from DCLKX
0 < CLOAD < 100pF
0
100
ns
tDON
Timeslot to DX Active
0 < CLOAD < 100pF
0
50
ns
tDOFF
Timeslot to DX Inactive
0 < CLOAD < 100pF
0
80
ns
fDX
Data Clock Frequency
64
2048
1
KHz
tDFSX
Data Delay from FSX
tTSDX = 80ns
0
140
ns
RECEIVE SECTION, FIXED DATA RATE MODE
tTSDR
Timeslot Delay from DCLKR
-80
80
ns
tFSD
Frame Sync Delay
0
120
ns
tDSR
Receive Data Setup Time
10
ns
tDHR
Receive Data Hold Time
60
ns
tDR
Data Clock Frequency
64
2048
1
kHz
tSER
Timeslot End Receive Time
0
ns
64KB OPERATION, VARIABLE DATA RATE MODE
tFSLX
Transmit Frame Sync Minimum
Downtime
FSX is TTL high for
remainder of frame
488
ns
tFSLR
Receive Frame Sync Miniumum
Downtime
FSR is TTL high for
remainder of frame
1952
ns
tDCLK
Data Clock Pulse Width
10
µs
Notes:
1. Devices are available wich operate at data rates up to 4.096MHz; the minimum data clock pulse width for these devices is 110ns
2. Timing parameters tDZX,tHZX, and tSOFF are referenced to a high impedance state.
M5913
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com