Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M59DR008F
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M59DR008F Datasheet HTML 14Page - STMicroelectronics M59DR008F Datasheet HTML 15Page - STMicroelectronics M59DR008F Datasheet HTML 16Page - STMicroelectronics M59DR008F Datasheet HTML 17Page - STMicroelectronics M59DR008F Datasheet HTML 18Page - STMicroelectronics M59DR008F Datasheet HTML 19Page - STMicroelectronics M59DR008F Datasheet HTML 20Page - STMicroelectronics M59DR008F Datasheet HTML 21Page - STMicroelectronics M59DR008F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
M59DR008E, M59DR008F
18/37
POWER SUPPLY
Power Down
The memory provides Reset/Power Down control
input RP. The Power Down function can be acti-
vated only if the relevant Configuration Register bit
is set to ’1’. In this case, when the RP signal is
pulled at VSS the supply current drops to typically
ICC2 (see Table 22), the memory is deselected and
the outputs are in high impedance.If RP is pulled
to VSS during a Program or Erase operation, this
operation is aborted in tPLQ7V and the memory
content is no longer valid (see Reset/Power Down
input description).
Power Up
The memory Command Interface is reset on Pow-
er Up to Read Array. Either E or W must be tied to
VIH during Power Up to allow maximum security
and the possibility to write a command on the first
rising edge of W.
Supply Rails
Normal precautions must be taken for supply volt-
age decoupling; each device in a system should
have the VDD rails decoupled with a 0.1µF capac-
itor close to the VDD, VDDQ and VSS pins. The PCB
trace widths should be sufficient to carry the re-
quired VDD program and erase currents.
Table 21. Program, Erase Times and Program, Erase Endurance Cycles
(TA = 0 to 70°C; VDD = VDDQ = 1.65V to 2.2V, VPP = VDD unless otherwise specified)
Note: 1. Max values refer to the maximum time allowed by the internal algorithm before error bit is set. Worst case conditions program or
erase should perform significantly better.
2. Excludes the time needed to execute the sequence for program instruction.
Parameter
M59DR008
Unit
Min
Max (1)
Typ
Typical after
100k W/E Cycles
Parameter Block (4 KWord) Erase (Preprogrammed)
2.5
0.15
0.4
sec
Main Block (32 KWord) Erase (Preprogrammed)
10
1
3
sec
Bank Erase (Preprogrammed, Bank A)
2
6
sec
Bank Erase (Preprogrammed, Bank B)
2
6
sec
Chip Program (2)
58
sec
Chip Program (DPG, VPP = 12V)
(2)
2.5
sec
Word Program
200
10
10
µs
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com