Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008F Datasheet(PDF) 3 Page - STMicroelectronics

Part # M59DR008F
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008F Datasheet(HTML) 3 Page - STMicroelectronics

  M59DR008F Datasheet HTML 1Page - STMicroelectronics M59DR008F Datasheet HTML 2Page - STMicroelectronics M59DR008F Datasheet HTML 3Page - STMicroelectronics M59DR008F Datasheet HTML 4Page - STMicroelectronics M59DR008F Datasheet HTML 5Page - STMicroelectronics M59DR008F Datasheet HTML 6Page - STMicroelectronics M59DR008F Datasheet HTML 7Page - STMicroelectronics M59DR008F Datasheet HTML 8Page - STMicroelectronics M59DR008F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3/37
M59DR008E, M59DR008F
DESCRIPTION
The M59DR008 is an 8 Mbit non-volatile Flash
memory that may be erased electrically at block
level and programmed in-system on a Word-by-
Word basis using a 1.65V to 2.2V VDD supply for
the circuitry. For Program and Erase operations
the necessary high voltages are generated inter-
nally. The device supports asynchronous page
mode from all the blocks of the memory array.
The array matrix organization allows each block to
be erased and reprogrammed without affecting
other blocks. All blocks are protected against pro-
gramming and erase at Power Up. Blocks can be
unprotected to make changes in the application
and then reprotected.
Instructions for Read/Reset, Auto Select, Write
Configuration
Register,
Programming,
Block
Erase, Bank Erase, Erase Suspend, Erase Re-
sume, Block Protect, Block Unprotect, Block Lock-
ing, CFI Query, are written to the memory through
a Command Interface using standard micropro-
cessor write timings.
The device is offered in TSOP48 (12 x 20 mm)
and in FBGA48 0.75 mm ball pitch packages.
When shipped all bits of the M59DR008 device are
at the logical level ‘1’.
Organization
The M59DR008 is organized as 512Kb x16 bits.
A0-A18 are the address lines, DQ0-DQ15 are the
Data Input/Output. Memory control is provided by
Chip Enable E, Output Enable G and Write Enable
W inputs.
Reset RP is used to reset all the memory circuitry
and to set the chip in power down mode if this
function is enabled by a proper setting of the Con-
figuration Register. Erase and Program operations
are controlled by an internal Program/Erase Con-
troller (P/E.C.). Status Register data output on
DQ7 provides a Data Polling signal, DQ6 and DQ2
provide Toggle signals and DQ5 provides error bit
to indicate the state of the P/E.C operations.
Memory Blocks
The device features asymmetrically blocked archi-
tecture. M59DR008 has an array of 23 blocks and
is divided into two banks A and B, providing Dual
Bank operations. While programming or erasing in
Bank A, read operations are possible into Bank B
or vice versa. The memory also features an erase
suspend allowing to read or program in another
block within the same bank. Once suspended the
erase can be resumed. The Bank Size and Sector-
ization are summarized in Table 7. Parameter
Blocks are located at the top of the memory ad-
dress space for the M59DR008E, and at the bot-
tom for the M59DR008F. The memory maps are
shown in Tables 3, 4, 5 and 6.
The Program and Erase operations are managed
automatically by the P/E.C. Block protection
against Program or Erase provides additional data
security. All blocks are protected at Power Up. In-
structions are provided to protect or unprotect any
block in the application. A second register locks
the protection status while WP is low (see Block
Locking description). The Reset command does
not affect the configuration of unprotected blocks
and the Configuration Register status.
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Depends on range.
3. Minimum Voltage may undershoot to –2V during transition and for less than 20ns.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (2)
–40 to 85
°C
TBIAS
Temperature Under Bias
–40 to 125
°C
TSTG
Storage Temperature
–55 to 155
°C
VIO
(3)
Input or Output Voltage
–0.5 to VDDQ+0.5
V
VDD, VDDQ
Supply Voltage
–0.5 to 2.7
V
VPP
Program Voltage
–0.5 to 13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com