Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008F Datasheet(PDF) 5 Page - STMicroelectronics

Part # M59DR008F
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008F Datasheet(HTML) 5 Page - STMicroelectronics

  M59DR008F Datasheet HTML 1Page - STMicroelectronics M59DR008F Datasheet HTML 2Page - STMicroelectronics M59DR008F Datasheet HTML 3Page - STMicroelectronics M59DR008F Datasheet HTML 4Page - STMicroelectronics M59DR008F Datasheet HTML 5Page - STMicroelectronics M59DR008F Datasheet HTML 6Page - STMicroelectronics M59DR008F Datasheet HTML 7Page - STMicroelectronics M59DR008F Datasheet HTML 8Page - STMicroelectronics M59DR008F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5/37
M59DR008E, M59DR008F
SIGNAL DESCRIPTIONS
See Figure 1 and Table 1.
Address Inputs (A0-A18). The address inputs
for the memory array are latched during a write op-
eration on the falling edge of Chip Enable E or
Write Enable W, whichever occurs last.
Data Input/Output (DQ0-DQ15). The
Input
is
data to be programmed in the memory array or a
command to be written to the Command Interface
(C.I.) Both input data and commands are latched
on the rising edge of Write Enable W. The Ouput
is data from the Memory Array, the Common Flash
Interface, the Electronic Signature Manufacturer
or Device codes, the Block Protection status, the
Configuration Register status or the Status Regis-
ter Data Polling bit DQ7, the Toggle Bits DQ6 and
DQ2, the Error bit DQ5. The data bus is high im-
pedance when the chip is deselected, Output En-
able G is at VIH, or RP is at VIL.
Chip Enable (E). The Chip Enable input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. E at VIH deselects
the memory and reduces the power consumption
to the standby level. E can also be used to control
writing to the command register and to the memo-
ry array, while W remains at VIL.
Output Enable (G). The Output Enable gates the
outputs through the data buffers during a read op-
eration. When G is at VIH the outputs are High im-
pedance.
Write Enable (W). This input controls writing to
the Command Register and Data latches. Data are
latched on the rising edge of W.
Write Protect (WP). This input gives an addition-
al hardware protection level against program or
erase when pulled at VIL, as described in the Block
Lock instruction description.
Reset/Power Down Input (RP). The
RP
input
provides hardware reset of the memory (without
affecting the Configuration Register status), and/
or Power Down functions, depending on the Con-
figuration Register status. Reset/Power Down of
the memory is achieved by pulling RP to VIL for at
least tPLPH. When the reset pulse is given, if the
memory is in Read, Erase Suspend Read or
Standby, it will output new valid data in tPHQ7V1 af-
ter the rising edge of RP. If the memory is in Erase
or Program modes, the operation will be aborted
and the reset recovery will take a maximum ot
tPLQ7V. The memory will recover from Power
Down (when enabled) in tPHQ7V2 after the rising
edge of RP. See Tables 25, 26 and Figure 9.
VDD and VDDQ Supply Voltage (1.65V to 2.2V).
The main power supply for all operations (Read,
Program and Erase). VDD and VDDQ must be at
the same voltage.
VPP Programming Voltage (11.4V to 12.6V). Used
to provide high voltage for fast factory program-
ming. High voltage on VPP pin is required to use
the Double Word Program instruction. It is also
possible to perform word program or erase instruc-
tions with VPP pin grounded.
VSS Ground. VSS is the reference for all the volt-
age measurements.
DEVICE OPERATIONS
The following operations can be performed using
the appropriate bus cycles: Read Array (Random,
and Page Modes), Write command, Output Dis-
able, Standby, Reset/Power Down and Block
Locking. See Table 8.
Read. Read operations are used to output the
contents of the Memory Array, the Electronic Sig-
nature, the Status Register, the CFI, the Block
Protection Status or the Configuration Register
status. Read operation of the memory array is per-
formed in asynchronous page mode, that provides
fast access time. Data is internally read and stored
in a page buffer. The page has a size of 4 words
and is addressed by A0-A1 address inputs. Read
operations of the Electronic Signature, the Status
Register, the CFI, the Block Protection Status, the
Configuration Register status and the Security
Code are performed as single asyncronous read
cycles (Random Read). Both Chip Enable E and
Output Enable G must be at VIL in order to read the
output of the memory.
Write. Write operations are used to give Instruc-
tion Commands to the memory or to latch Input
Data to be programmed. A write operation is initi-
ated when Chip Enable E and Write Enable W are
at VIL with Output Enable G at VIH. Addresses are
latched on the falling edge of W or E whichever oc-
curs last. Commands and Input Data are latched
on the rising edge of W or E whichever occurs first.
Noise pulses of less than 5ns typical on E, W and
G signals do not start a write cycle.
Table 7. Bank Size and Sectorization
Bank Size
Parameter Blocks
Main Blocks
Bank A
4 Mbit
8 blocks of 4 KWord
7 blocks of 32 KWord
Bank B
4 Mbit
-
8 blocks of 32 KWord



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com