Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M59DR008F
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008F Datasheet(HTML) 1 Page - STMicroelectronics

  M59DR008F Datasheet HTML 1Page - STMicroelectronics M59DR008F Datasheet HTML 2Page - STMicroelectronics M59DR008F Datasheet HTML 3Page - STMicroelectronics M59DR008F Datasheet HTML 4Page - STMicroelectronics M59DR008F Datasheet HTML 5Page - STMicroelectronics M59DR008F Datasheet HTML 6Page - STMicroelectronics M59DR008F Datasheet HTML 7Page - STMicroelectronics M59DR008F Datasheet HTML 8Page - STMicroelectronics M59DR008F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/37
PRODUCT PREVIEW
October 1999
This is preliminary information on a new product now in development. Details are subject to change without notice.
M59DR008E
M59DR008F
8 Mbit (512Kb x16, Dual Bank, Page) Low Voltage Flash Memory
s
SUPPLY VOLTAGE
–VDD = VDDQ = 1.65V to 2.2V: for Program,
Erase and Read
–VPP = 12V: optional Supply Voltage for fast
Program and Erase
s
ASYNCHRONOUS PAGE MODE READ
– Page Width: 4 words
– Page Access: 35ns
– Random Access: 100ns
s
PROGRAMMING TIME
– 10µs by Word typical
– Double Word Programming Option
s
MEMORY BLOCKS
– Dual Bank Memory Array: 4 Mbit - 4 Mbit
– Parameter Blocks (Top or Bottom location)
– Main Blocks
s
DUAL BANK OPERATIONS
– Read within one Bank while Program or
Erase within the other
– No delay between Read and Write operations
s
BLOCK PROTECTION/UNPROTECTION
– All Blocks protected at Power Up
– Any combination of Blocks can be protected
–WP for Block Locking
s
COMMON FLASH INTERFACE (CFI)
s
64 bit SECURITY CODE
s
ERASE SUSPEND and RESUME MODES
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
20 YEARS DATA RETENTION
– Defectivity below 1ppm/year
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code, M59DR008E: A2h
– Device Code, M59DR008F: A3h
BGA
TSOP48 (N)
12 x 20mm
FBGA48 (ZB)
8 x 6 solder balls
Figure 1. Logic Diagram
AI03212
19
A0-A18
W
DQ0-DQ15
VDD
M59DR008E
M59DR008F
E
VSS
16
G
RP
WP
VDDQ VPP


Similar Part No. - M59DR008F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR016 STMICROELECTRONICS-M59DR016 Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016-ZBT STMICROELECTRONICS-M59DR016-ZBT Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016C100ZB1T STMICROELECTRONICS-M59DR016C100ZB1T Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016C100ZB6T STMICROELECTRONICS-M59DR016C100ZB6T Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
More results

Similar Description - M59DR008F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800CT STMICROELECTRONICS-M28W800CT Datasheet
369Kb / 49P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
28-Feb-2003
M36DR432C STMICROELECTRONICS-M36DR432C Datasheet
330Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR032A STMICROELECTRONICS-M59DR032A Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
16 Mbit (x8/x16) Dual-Bank Flash Memory
logo
STMicroelectronics
M36W0R6030T0 STMICROELECTRONICS-M36W0R6030T0 Datasheet
448Kb / 26P
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
10-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com