Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M59DR008F
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M59DR008F Datasheet HTML 2Page - STMicroelectronics M59DR008F Datasheet HTML 3Page - STMicroelectronics M59DR008F Datasheet HTML 4Page - STMicroelectronics M59DR008F Datasheet HTML 5Page - STMicroelectronics M59DR008F Datasheet HTML 6Page - STMicroelectronics M59DR008F Datasheet HTML 7Page - STMicroelectronics M59DR008F Datasheet HTML 8Page - STMicroelectronics M59DR008F Datasheet HTML 9Page - STMicroelectronics M59DR008F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
M59DR008E, M59DR008F
6/37
Table 8. User Bus Operations (1)
Note: 1. X = Don’t care.
Table 9. Read Electronic Signature (AS and Read CFI instructions)
Table 10. Read Block Protection (AS and Read CFI instructions)
Table 11. Read Configuration Register (AS and Read CFI instructions)
Operation
E
G
W
RP
WP
DQ15-DQ0
Write
VIL
VIH
VIL
VIH
VIH
Data Input
Output Disable
VIL
VIH
VIH
VIH
VIH
Hi-Z
Standby
VIH
XX
VIH
VIH
Hi-Z
Reset / Power Down
X
X
X
VIL
VIH
Hi-Z
Block Locking
VIL
XX
VIH
VIL
X
Code
Device
E
G
W
A0
A1
A7-A2
Other
Addresses
DQ15-DQ8
DQ7-DQ0
Manufacturer Code
VIL
VIL
VIH
VIL
VIL
0
Don’t Care
00h
20h
Device Code
M59DR008E
VIL
VIL
VIH
VIH
VIL
0
Don’t Care
00h
A2h
M59DR008F
VIL
VIL
VIH
VIH
VIL
0
Don’t Care
00h
A3h
Block Status
E
G
W
A0
A1
A18-A12
A7-A2
Other
Addresses
DQ0
DQ1
DQ15-DQ2
Protected Block
VIL
VIL
VIH
VIL
VIH
Block Address
0
Don’t Care
1
0
0000h
Unprotected Block
VIL
VIL
VIH
VIL
VIH
Block Address
0
Don’t Care
0
0
0000h
Locked Block
VIL
VIL
VIH
VIL
VIH
Block Address
0
Don’t Care
X
1
0000h
RP Function
E
G
W
A0
A1
A7-A2
Other Addresses
DQ10
DQ9-DQ0
DQ15-DQ11
Reset
VIL
VIL
VIH
VIH
VIH
0
Don’t Care
0
Don’t Care
Reset/Power Down
VIL
VIL
VIH
VIH
VIH
0
Don’t Care
1
Don’t Care
Automatic Standby. When in Read mode, after
150ns of bus inactivity and when CMOS levels are
driving the addresses, the chip automatically en-
ters a pseudo-standby mode where consumption
is reduced to the CMOS standby value, while out-
puts still drive the bus.
Power Down. The memory is in Power Down
when the Configuration Register is set for Power
Down and RP is at VIL. The power consumption is
reduced to the Power Down level, and Outputs are
in high impedance, independent of the Chip En-
able E, Output Enable G or Write Enable W inputs.
Block Locking. Any combination of blocks can
be temporarily protected against Program or
Erase by setting the lock register and pulling WP
to VIL (see Block Lock instruction).
Dual Bank Operations. The Dual Bank allows to
read data from one bank of memory while a pro-
gram or erase operation is in progress in the other
bank of the memory. Read and Write cycles can
be initiated for simultaneous operations in different
banks without any delay. Status Register during
Program or Erase must be monitored using an ad-
dress within the bank being modified.
Output Disable. The data outputs are high im-
pedance when the Output Enable G is at VIH with
Write Enable W at VIH.
Standby. The memory is in standby when Chip
Enable E is at VIH and the P/E.C. is idle. The pow-
er consumption is reduced to the standby level
and the outputs are high impedance, independent
of the Output Enable G or Write Enable W inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com