Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032D Datasheet(PDF) 17 Page - STMicroelectronics

Part # M59MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M59MR032D Datasheet HTML 13Page - STMicroelectronics M59MR032D Datasheet HTML 14Page - STMicroelectronics M59MR032D Datasheet HTML 15Page - STMicroelectronics M59MR032D Datasheet HTML 16Page - STMicroelectronics M59MR032D Datasheet HTML 17Page - STMicroelectronics M59MR032D Datasheet HTML 18Page - STMicroelectronics M59MR032D Datasheet HTML 19Page - STMicroelectronics M59MR032D Datasheet HTML 20Page - STMicroelectronics M59MR032D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17/49
M59MR032C, M59MR032D
– the lock status is cleared for all blocks at power-
up or pulling RP at VIL for at least tPLPH. The
protection and lock status can be monitored for
each block using the Autoselect (AS) instruc-
tion. Protected blocks will output a ‘1’ on ADQ0
and locked blocks will output a ‘1’ on ADQ1.
After a pulse of RP of at least tPLPH all blocks are
protected and unlocked.
Refer to Table 16 for a list of the protection states.
Block Erase (BE) Instruction. This
instruction
uses a minimum of six write cycles. The Erase
Set-up command 80h is written to address 555h
on third cycle after the two Coded cycles. The
Block Erase Confirm command 30h is similarly
written on the sixth cycle after another two Coded
cycles and an address within the block to be
erased is given and latched into the memory.
Additional block Erase Confirm commands and
block addresses can be written subsequently to
erase other blocks in parallel, without further Cod-
ed cycles. All blocks must belong to the same
bank of memory; if a new block belonging to the
other bank is given, the operation is aborted. The
erase will start after an erase timeout period of
100µs. Thus, additional Erase Confirm commands
for other blocks must be given within this delay.
The input of a new Erase Confirm command will
restart the timeout period. The status of the inter-
nal timer can be monitored through the level of
ADQ3, if ADQ3 is '0' the Block Erase Command
has been given and the timeout is running, if
ADQ3 is '1', the timeout has expired and the P/
E.C. is erasing the Block(s). If the second com-
mand given is not an erase confirm or if the Coded
cycles are wrong, the instruction aborts, and the
device is reset to Read Array. It is not necessary
to program the block with 00h as the P/E.C. will do
this automatically before erasing to FFh. Read op-
erations within the same bank, after the sixth rising
edge of W or E, output the status register bits.
During the execution of the erase by the P/E.C.,
the memory accepts only the Erase Suspend ES
instruction; the Read/Reset RD instruction is ac-
cepted during the 100µs time-out period. Data
Polling bit ADQ7 returns '0' while the erasure is in
progress and '1' when it has completed. The Tog-
gle bit ADQ6 toggles during the erase operation,
and stops when erase is completed.
After completion the Status Register bit ADQ5 re-
turns '1' if there has been an erase failure. In such
a situation, the Toggle bit ADQ2 can be used to
determine which block is not correctly erased. In
the case of erase failure, a Read/Reset RD in-
struction is necessary in order to reset the P/E.C.
Bank Erase (BKE) Instruction. This instruction
uses six write cycles and is used to erase all the
blocks belonging to the selected bank. The Erase
Set-up command 80h is written to address 555h
on the third cycle after the two Coded cycles. The
Bank Erase Confirm command 10h is similarly
written on the sixth cycle after another two Coded
cycles at an address within the selected bank. If
the second command given is not an erase con-
firm or if the Coded cycles are wrong, the instruc-
tion aborts and the device is reset to Read Array.
It is not necessary to program the array with 00h
first as the P/E.C. will automatically do this before
erasing it to FFh. Read operations within the same
bank after the sixth rising edge of W or E output
the Status Register bits. During the execution of
the erase by the P/E.C., Data Polling bit ADQ7 re-
turns '0', then '1' on completion. The Toggle bit
ADQ6 toggles during erase operation and stops
when erase is completed. After completion the
Status Register bit ADQ5 returns '1' if there has
been an Erase Failure.
Erase Suspend (ES) Instruction. In a dual bank
memory the Erase Suspend instruction is used to
read data within the bank where erase is in
progress. It is also possible to program data in
blocks not being erased.
The Erase Suspend instruction consists of writing
the command B0h without any specific address.
No Coded Cycles are required. Erase suspend is
accepted only during the Block Erase instruction
execution. The Toggle bit ADQ6 stops toggling
when the P/E.C. is suspended within 15µs after
the Erase Suspend (ES) command has been writ-
ten. The device will then automatically be set to
Read Memory Array mode. When erase is sus-
pended, a Read from blocks being erased will out-
put ADQ2 toggling and ADQ6 at '1'. A Read from
a block not being erased returns valid data. During
suspension the memory will respond only to the
Erase Resume ER and the Program PG instruc-
tions. A Program operation can be initiated during
erase suspend in one of the blocks not being
erased. It will result in ADQ6 toggling when the
data is being programmed.
Erase Resume (ER) Instruction. If
an
Erase
Suspend instruction was previously executed, the
erase operation may be resumed by giving the
command 30h, at an address within the bank be-
ing erased and without any Coded Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com