Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032D Datasheet(PDF) 39 Page - STMicroelectronics

Part # M59MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M59MR032D Datasheet HTML 35Page - STMicroelectronics M59MR032D Datasheet HTML 36Page - STMicroelectronics M59MR032D Datasheet HTML 37Page - STMicroelectronics M59MR032D Datasheet HTML 38Page - STMicroelectronics M59MR032D Datasheet HTML 39Page - STMicroelectronics M59MR032D Datasheet HTML 40Page - STMicroelectronics M59MR032D Datasheet HTML 41Page - STMicroelectronics M59MR032D Datasheet HTML 42Page - STMicroelectronics M59MR032D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39/49
M59MR032C, M59MR032D
Figure 14. Read and Write AC Waveforms, RP Related
AI90122
ADQ7
W
RP
tPLPH
tPHQ7V1,2
VALID
READ
ADQ7
VALID
tPLQ7V
PROGRAM / ERASE
Table 33. Read and Write AC Characteristic, RP Related
(TA = –40 to 85°C; VDD = VDDQ = 1.65V to 2.0V)
Symbol
Alt
Parameter
Test Condition
M59MR032
Unit
100
120
Min
Max
Min
Max
tPHQ7V1
RP High to Data Valid
(Read Mode)
150
150
ns
tPHQ7V2
RP High to Data Valid
(Power-down enabled)
50
50
µs
tPLPH
tRP
RP Pulse Width
100
100
ns
tPLQ7V
RP Low to Reset Complete
During Program/Erase
15
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com