Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032D Datasheet(PDF) 18 Page - STMicroelectronics

Part # M59MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M59MR032D Datasheet HTML 14Page - STMicroelectronics M59MR032D Datasheet HTML 15Page - STMicroelectronics M59MR032D Datasheet HTML 16Page - STMicroelectronics M59MR032D Datasheet HTML 17Page - STMicroelectronics M59MR032D Datasheet HTML 18Page - STMicroelectronics M59MR032D Datasheet HTML 19Page - STMicroelectronics M59MR032D Datasheet HTML 20Page - STMicroelectronics M59MR032D Datasheet HTML 21Page - STMicroelectronics M59MR032D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
M59MR032C, M59MR032D
18/49
Table 17. Instructions (1,2)
Mne.
Instr.
Cyc.
1st Cyc.
2nd Cyc.
3rd Cyc.
4th Cyc.
5th Cyc.
6th Cyc.
RD (4)
Read/Reset
Memory Array
1+
Addr. (3)
X
Read Memory Array until a new write cycle is initiated.
Data
F0h
3+
Addr.
555h
2AAh
555h
Read Memory Array until a new
write cycle is initiated.
Data
AAh
55h
F0h
RCFI
CFI Query
1+
Addr.
55h
Read CFI data until a new write cycle is initiated.
Data
98h
AS (4)
Auto Select
3+
Addr.
555h
2AAh
555h
Read electronic Signature or
Block Protection or Configuration
Register Status until a new cycle
is initiated.
Data
AAh
55h
90h
CR
Configuration
Register Write
4
Addr.
555h
2AAh
555h
Configura-
tion Data
Data
AAh
55h
60h
03h
PG
Program
4
Addr.
555h
2AAh
555h
Program
Address
Read Data Polling or
Toggle Bit until
Program completes.
Data
AAh
55h
A0h
Program
Data
DPG
Double Word
Program
5
Addr.
555h
2AAh
555h
Program
Address 1
Program
Address 2
Note 6, 7
Data
AAh
55h
40h
Program
Data 1
Program
Data 2
EBY
Enter Bypass
Mode
3
Addr.
555h
2AAh
555h
Data
AAh
55h
20h
XBY
Exit Bypass
Mode
2
Addr.
XX
Data
90h
00h
PGBY
Program in
Bypass Mode
2
Addr.
X
Program
Address
Read Data Polling or Toggle Bit until Program
completes.
Data
A0h
Program
Data
DPGBY
Double Word
Program in
Bypass Mode
3
Addr.
X
Program
Address 1
Program
Address 2
Note 6, 7
Data
40h
Program
Data 1
Program
Data 2
BP
Block Protect
4
Addr.
555h
2AAh
555h
Block
Address
Data
AAh
55h
60h
01h
BU
Block Unprotect
1
Addr.
555h
2AAh
555h
Block
Address
Data
AAh
55h
60h
D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com