Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032D Datasheet(PDF) 32 Page - STMicroelectronics

Part # M59MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M59MR032D Datasheet HTML 28Page - STMicroelectronics M59MR032D Datasheet HTML 29Page - STMicroelectronics M59MR032D Datasheet HTML 30Page - STMicroelectronics M59MR032D Datasheet HTML 31Page - STMicroelectronics M59MR032D Datasheet HTML 32Page - STMicroelectronics M59MR032D Datasheet HTML 33Page - STMicroelectronics M59MR032D Datasheet HTML 34Page - STMicroelectronics M59MR032D Datasheet HTML 35Page - STMicroelectronics M59MR032D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
M59MR032C, M59MR032D
32/49
Table 30. Synchronous Burst Read AC Characteristics
(TA = –40 to 85°C; VDD = VDDQ = 1.65V to 2.0V)
Symbol
Alt
Parameter
Test Condition
M59MR032
Unit
100
120
Min
Max
Min
Max
tAVK
tAVCLKH
Address Valid to Clock
7
7
ns
tELK
tCELCLKH
Chip Enable Low to Clock
7
7
ns
tK
tCLK
Clock Period
15
16
ns
tKAX
tCLKHAX
Clock to Address Transition
E = VIL, G = VIH
10
10
ns
tKHKL
tCLKHCLKL
Clock High
5
5
ns
tKLKH
tCLKLCLKH
Clock Low
5
5
ns
tKRV
tRLCLKH
Clock to Wait Valid
E = VIL, G = VIL
14
18
ns
tKRX
tCLKHRX
Clock to Wait Transition
E = VIL, G = VIL
44
ns
tKQV
tCLKHQV
Clock to Data Valid
E = VIL, G = VIL
14
18
ns
tKQX
tCLKHQX
Clock to Output Transition
E = VIL
44
ns
tLLK
tAVDLCLKH
Latch Enable Low to Clock
7
7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com