Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032D Datasheet(PDF) 26 Page - STMicroelectronics

Part # M59MR032D
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M59MR032D Datasheet HTML 22Page - STMicroelectronics M59MR032D Datasheet HTML 23Page - STMicroelectronics M59MR032D Datasheet HTML 24Page - STMicroelectronics M59MR032D Datasheet HTML 25Page - STMicroelectronics M59MR032D Datasheet HTML 26Page - STMicroelectronics M59MR032D Datasheet HTML 27Page - STMicroelectronics M59MR032D Datasheet HTML 28Page - STMicroelectronics M59MR032D Datasheet HTML 29Page - STMicroelectronics M59MR032D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
M59MR032C, M59MR032D
26/49
Table 24. Burst Read Information
Table 25. Security Code Area
Offset
Data
Description
(P+F)h = 48h
0003h
Page-mode read capability
bits 0-7
’n’ such that 2n HEX value represents the number of read-page
bytes. See offset 28h for device word width to determine page-
mode data output width. 00h indicates no read page buffer.
(P+10)h = 49h
0003h
Number of synchronous mode read configuration fields that follow. 00h indicates no
burst capability.
(P+11)h = 4Ah
0001h
Synchronous mode read capability configuration 1
bit 3-7
Reserved
bit 0-2
’n’ such that 2n+1 HEX value represents the maximum number of
continuous synchronous reads when the device is configured for its
maximum word width. A value of 07h indicates that the device is
capable of continuous linear bursts that will output data until the
internal burst counter reaches the end of the device’s burstable
address space. This field’s 3-bit value can be written directly to the
read configuration register bit 0-2 if the device is configured for its
maximum word width. See offset 28h for word width to determine
the burst data output width.
(P+12)h = 4Bh
0002h
Synchronous mode read capability configuration 2
(P+13)h = 4Ch
0007h
Synchronous mode read capability configuration 3
(P+14)h = 4Dh
0036h
Max operating clock frequency (MHz)
(P+15)h = 4Eh
0001h
Supported handshaking signal (WAIT pin)
bit 0
during synchronous read
(1 = Yes, 0 = No)
bit 1
during asynchronous read
(1 = Yes, 0 = No)
Offset
Data
Description
81h
XXXX
64 bits: unique device number
82h
XXXX
83h
XXXX
84h
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com