Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032DGC Datasheet(PDF) 9 Page - STMicroelectronics

Part # M59MR032DGC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032DGC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M59MR032DGC Datasheet HTML 5Page - STMicroelectronics M59MR032DGC Datasheet HTML 6Page - STMicroelectronics M59MR032DGC Datasheet HTML 7Page - STMicroelectronics M59MR032DGC Datasheet HTML 8Page - STMicroelectronics M59MR032DGC Datasheet HTML 9Page - STMicroelectronics M59MR032DGC Datasheet HTML 10Page - STMicroelectronics M59MR032DGC Datasheet HTML 11Page - STMicroelectronics M59MR032DGC Datasheet HTML 12Page - STMicroelectronics M59MR032DGC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9/49
M59MR032C, M59MR032D
Bus Invert (BINV). BINV is an input/output signal
used to reduce the amount of power needed to
switch the external address/data bus. The power
saving is achieved by inverting the data output on
ADQ0-ADQ15 every time this gives an advantage
in terms of number of toggling bits. In burst mode
read, each new data output from the memory is
compared with the previous data. If the number of
transitions required on the data bus is in excess of
8, the data is inverted and the BINV signal will be
driven by the memory at VOH to inform the receiv-
ing system that data must be inverted before any
further processing. By doing so, the actual transi-
tions on the data bus will be less than 8. In a simi-
lar way, when a command is given, BINV may be
driven by the system at VIH to inform the memory
that the data must be inverted.Like the other input/
output pins, BINV is high impedance when the
chip is deselected, output enable G is at VIH or RP
is at VIL; when used as an input, BINV must follow
the same setup and hold timings of the data in-
puts.
VDD and VDDQ Supply Voltage (1.65V to 2.0V).
The main power supply for all operations (Read,
Program and Erase). VDD and VDDQ must be at
the same voltage.
VPP Program Supply Voltage (12V). VPP
is
both a control input and a power supply pin. The
two functions are selected by the voltage range
applied to the pin; if VPP is kept in a low voltage
range (0 to 2V) VPP is seen as a control input, and
the current absorption is limited to 5µA (0.2µA typ-
ical). In this case with VPP = VIL we obtain an ab-
solute protection against program or erase; with
VPP = VPP1 these functions are enabled. VPP val-
ue is only sampled during program or erase write
cycles; a change in its value after the operation
has been started does not have any effect and
program or erase are carried on regularly. If VPP is
used in the 11.4V to 12.6V range (VPP2) then the
pin acts as a power supply. This supply voltage
must remain stable as long as program or erase
are finished. In read mode the current sunk is less
then 0.5mA, while during program and erase oper-
ations the current may increase up to 10mA.
VSS Ground. VSS is the reference for all the volt-
age measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com