Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032DGC Datasheet(PDF) 20 Page - STMicroelectronics

Part # M59MR032DGC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032DGC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M59MR032DGC Datasheet HTML 16Page - STMicroelectronics M59MR032DGC Datasheet HTML 17Page - STMicroelectronics M59MR032DGC Datasheet HTML 18Page - STMicroelectronics M59MR032DGC Datasheet HTML 19Page - STMicroelectronics M59MR032DGC Datasheet HTML 20Page - STMicroelectronics M59MR032DGC Datasheet HTML 21Page - STMicroelectronics M59MR032DGC Datasheet HTML 22Page - STMicroelectronics M59MR032DGC Datasheet HTML 23Page - STMicroelectronics M59MR032DGC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
M59MR032C, M59MR032D
20/49
STATUS REGISTER BITS
P/E.C. status is indicated during execution by Data
Polling on ADQ7, detection of Toggle on ADQ6
and ADQ2, or Error on ADQ5 bits. Any read at-
tempt within the Bank being modified and during
Program or Erase command execution will auto-
matically output these five Status Register bits.
The P/E.C. automatically sets bits ADQ2, ADQ5,
ADQ6 and ADQ7. Other bits (ADQ0, ADQ1 and
ADQ4) are reserved for future use and should be
masked (see Table 18). Read attempts within the
bank not being modified will output array data.
Toggle bits ADQ6 and ADQ2 are affected by G
and/or E cycles regardless of the bank in which
these cycles refer to. This means that toggle bits
are in a state that depends on the amount of ac-
cesses to both banks and not only to the bank
where erasing or programming is on going. Status
Register Bits must be accessed according to the
device configuration (see Figure 4).
Data Polling Bit (ADQ7). When
Programming
operations are in progress, this bit outputs the
complement of the bit being programmed on
ADQ7. In case of a double word program opera-
tion, the complement is done on ADQ7 of the last
word written to the command interface, i.e. the
data written in the fifth cycle. During Erase opera-
tion, it outputs a ’0’. After completion of the opera-
tion, ADQ7 will output the bit last programmed or
a ’1’ after erasing. Data Polling is valid and only ef-
fective during P/E.C. operation, that is after the
fourth W pulse for programming or after the sixth
W pulse for erase. It must be performed at the ad-
dress being programmed or at an address within
the block being erased. See Figure 17 for the Data
Polling flowchart and Figure 15 for the Data Polling
waveforms. ADQ7 will also flag the Erase Sus-
pend mode by switching from ’0’ to ’1’ at the start
of the Erase Suspend. In order to monitor ADQ7 in
the Erase Suspend mode an address within a
block being erased must be provided. For a Read
Operation in Suspend mode, ADQ7 will output ’1’
if the read is attempted on a block being erased
and the data value on other blocks. During Pro-
gram operation in Erase Suspend Mode, ADQ7
will have the same behavior as in the normal pro-
gram execution outside of the suspend mode.
Toggle Bit (ADQ6). When Programming or Eras-
ing operations are in progress, successive at-
tempts to read ADQ6 will output complementary
data. ADQ6 will toggle following toggling of either
G, or E when G is at VIL. The operation is complet-
ed when two successive reads yield the same out-
put data. The next read will output the bit last
programmed or a ’1’ after erasing. The toggle bit
ADQ6 is valid only during P/E.C. operations, that
is after the fourth W pulse for programming or after
the sixth W pulse for Erase. ADQ6 will be set to ’1’
if a Read operation is attempted on an Erase Sus-
pend block. When erase is suspended ADQ6 will
toggle during programming operations in a block
different from the block in Erase Suspend. Either
E or G toggling will cause ADQ6 to toggle. See
Figure 18 for Toggle Bit flowchart and Figure 16
for Toggle Bit waveforms.
Toggle Bit (ADQ2). This toggle bit, together with
ADQ6, can be used to determine the device status
during the Erase operations. During Erase Sus-
pend a read from a block being erased will cause
ADQ2 to toggle. A read from a block not being
erased will output data. ADQ2 will be set to ’1’ dur-
ing program operation. After erase completion and
if the error bit ADQ5 is set to ’1’, ADQ2 will toggle
if the faulty block is addressed.
Error Bit (ADQ5). This bit is set to ’1’ by the P/
E.C. when there is a failure of programming or
block erase, that results in invalid data in the mem-
ory block. In case of an error in block erase or pro-
gram, the block in which the error occurred or to
which the programmed data belongs, must be dis-
carded. Other Blocks may still be used. The error
bit resets after a Read/Reset (RD) instruction. In
case of success of Program or Erase, the error bit
will be set to ’0’.
Erase Timer Bit (ADQ3). This bit is set to ‘0’ by
the P/E.C. when the last block Erase command
has been entered to the Command Interface and it
is awaiting the Erase start. When the erase time-
out period is finished, ADQ3 returns to ‘1’, in the
range of 80µs to 120µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com