Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032DGC Datasheet(PDF) 35 Page - STMicroelectronics

Part # M59MR032DGC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032DGC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M59MR032DGC Datasheet HTML 31Page - STMicroelectronics M59MR032DGC Datasheet HTML 32Page - STMicroelectronics M59MR032DGC Datasheet HTML 33Page - STMicroelectronics M59MR032DGC Datasheet HTML 34Page - STMicroelectronics M59MR032DGC Datasheet HTML 35Page - STMicroelectronics M59MR032DGC Datasheet HTML 36Page - STMicroelectronics M59MR032DGC Datasheet HTML 37Page - STMicroelectronics M59MR032DGC Datasheet HTML 38Page - STMicroelectronics M59MR032DGC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
35/49
M59MR032C, M59MR032D
Table 31. Write AC Characteristics, Write Enable Controlled
(TA = –40 to 85 °C; VDD = VDDQ = 1.65V to 2.0V)
Symbol
Alt
Parameter
M59MR032
Unit
100
120
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
100
120
ns
tAVLH
Address Valid to Latch Enable High
10
10
ns
tDVWH
tDS
Input Valid to Write Enable High
50
50
ns
tELLH
Chip Enable Low to Latch Enable High
10
10
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tGHLL
Output Enable High to Latch Enable Low
20
20
ns
tGHWL
Output Enable High to Write Enable Low
20
20
ns
tLHAX
Latch Enable High to Address Transition
10
10
ns
tLHWH
Latch Enable High to Write Enable High
10
10
ns
tLLLH
Latch Enable Pulse Width
10
10
ns
tPLQ7V
RP Low to Reset Complete During
Program/Erase
15
15
µs
tVDHEL
tVCS
VDD High to Chip Enable Low
50
50
µs
tVPPHWH
VPP High to Write Enable High
200
200
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
tWHLL
Write Enable High to Latch Enable Low
0
0
ns
tWHVPPL
Write Enable High to VPP Low
200
200
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
30
30
ns
tWHWPL
Write Enable High to Write Protect Low
200
200
ns
tWLWH
tWP
Write Enable Low to Write Enable High
50
50
ns
tWPHWH
Write Protect High to Write Enable High
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com