Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032DGC Datasheet(PDF) 45 Page - STMicroelectronics

Part # M59MR032DGC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032DGC Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M59MR032DGC Datasheet HTML 41Page - STMicroelectronics M59MR032DGC Datasheet HTML 42Page - STMicroelectronics M59MR032DGC Datasheet HTML 43Page - STMicroelectronics M59MR032DGC Datasheet HTML 44Page - STMicroelectronics M59MR032DGC Datasheet HTML 45Page - STMicroelectronics M59MR032DGC Datasheet HTML 46Page - STMicroelectronics M59MR032DGC Datasheet HTML 47Page - STMicroelectronics M59MR032DGC Datasheet HTML 48Page - STMicroelectronics M59MR032DGC Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
45/49
M59MR032C, M59MR032D
Table 38. Revision History
Date
Version
Revision Details
July 1999
-01
First Issue
12/01/99
-02
FBGA Connections change
FBGA Package Mechanical Data and Outline change
FBGA Daisy Chain diagrams added
µBGA Package added
3/23/00
-03
Document type: from Product Preview to Preliminary Data
Bus Invert (BINV) configuration bit clarification
Read Operations clarification
Status Register clarification
LFBGA Package Mechanical Data change
µBGA Package Mechanical Data change
5/17/00
-04
µBGA Package Mechanical Data change
9/26/00
-05
CFI Primary Algorithm modified
CFI Burst Read modified
Write AC Waveforms diagrams change (Figure 12, 13)
12/20/00
-06
Document type: from Preliminary Data to Data Sheet
LFBGA Connection change (Figure 2)
µBGA Connection change (Figure 3)
Program Time clarification (Table 33)
LFBGA Package Mechanical Data and Outline change (Table 39, Figure 19)
µBGA Package Mechanical Data and Outline change (Table 40, Figure 20)
3/02/01
-07
µBGA Package Mechanical Data and Outline change (Table 40, Figure 20)
3/19/01
-08
µBGA Package Mechanical Data change (Table 40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com