Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032DGC Datasheet(PDF) 40 Page - STMicroelectronics

Part # M59MR032DGC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032DGC Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M59MR032DGC Datasheet HTML 36Page - STMicroelectronics M59MR032DGC Datasheet HTML 37Page - STMicroelectronics M59MR032DGC Datasheet HTML 38Page - STMicroelectronics M59MR032DGC Datasheet HTML 39Page - STMicroelectronics M59MR032DGC Datasheet HTML 40Page - STMicroelectronics M59MR032DGC Datasheet HTML 41Page - STMicroelectronics M59MR032DGC Datasheet HTML 42Page - STMicroelectronics M59MR032DGC Datasheet HTML 43Page - STMicroelectronics M59MR032DGC Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
M59MR032C, M59MR032D
40/49
Table 34. Program, Erase Times and Program, Erase Endurance Cycles
(TA = 0 to 70°C; VDD = VDDQ = 1.65V to 2.0V, VPP = VDD unless otherwise specified)
Note: 1. Max values refer to the maximum time allowed by the internal algorithm before error bit is set. Worst case conditions program or
erase should perform significantly better.
2. Excludes the time needed to execute the sequence for program instruction.
3. Same timing value if
VPP = 12V.
Table 35. Data Polling and Toggle Bits AC Characteristics (1)
(TA = –40 to 85 °C; VDD = VDDQ = 1.65V to 2.0V)
Note: 1. All other timings are defined in Read AC Characteristics table.
Parameter
Min
Max (1)
Typ
Typical after
100k W/E Cycles
Unit
Parameter Block (4 KWord) Erase (Preprogrammed)
2.5
0.15
0.4
sec
Main Block (32 KWord) Erase (Preprogrammed)
10
1
3
sec
Bank Erase (Preprogrammed, Bank A)
2
6
sec
Bank Erase (Preprogrammed, Bank B)
10
30
sec
Chip Program (2)
20
25
sec
Chip Program (DPG, VPP = 12V)
(2)
10
sec
Word Program (3)
200
10
10
µs
Double Word Program
200
10
10
µs
Program/Erase Cycles (per Block)
100,000
cycles
Symbol
Parameter
Min
Max
Unit
tEHQ7V
Chip Enable High to DQ7 Valid (Program, E Controlled)
10
200
µs
Chip Enable High to DQ7 Valid (Block Erase, E Controlled)
1.0
10
sec
tEHQV
Chip Enable High to Output Valid (Program)
10
200
µs
Chip Enable High to Output Valid (Block Erase)
1.0
10
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
0
ns
tWHQ7V
Write Enable High to DQ7 Valid (Program, W Controlled)
10
200
µs
Write Enable High to DQ7 Valid (Block Erase, W Controlled)
1.0
10
sec
tWHQV
Write Enable High to Output Valid (Program)
10
200
µs
Write Enable High to Output Valid (Block Erase)
1.0
10
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com