Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AR024DZB Datasheet(PDF) 7 Page - STMicroelectronics

Part # M68AR024DZB
Description  16 Mbit 1M x16 1.8V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR024DZB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M68AR024DZB Datasheet HTML 3Page - STMicroelectronics M68AR024DZB Datasheet HTML 4Page - STMicroelectronics M68AR024DZB Datasheet HTML 5Page - STMicroelectronics M68AR024DZB Datasheet HTML 6Page - STMicroelectronics M68AR024DZB Datasheet HTML 7Page - STMicroelectronics M68AR024DZB Datasheet HTML 8Page - STMicroelectronics M68AR024DZB Datasheet HTML 9Page - STMicroelectronics M68AR024DZB Datasheet HTML 10Page - STMicroelectronics M68AR024DZB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
M68AR024D
Table 4. Capacitance
Note: 1. Sampled only, not 100% tested.
2. At TA = 25°C, f = 1MHz, VCC = 1.8V.
3. Outputs deselected.
Table 5. DC Characteristics
Note: 1. Average AC current, cycling at tAVAV minimum.
2. E1 = VIL, E2 = VIH, UB OR/AND LB = VIL, VIN = VIH OR VIL.
3. E1
≤ 0.2V or E2 ≥ VCCQ –0.2V, UB OR/AND LB ≤ 0.2V, VIN ≤ 0.2V or VIN ≥ VCCQ –0.2V.
4. Output disabled.
Symbol
Parameter (1,2)
Test
Condition
Min
Max
Unit
CIN
Input Capacitance on all pins (except DQ)
VIN = 0V
6pF
COUT
(3)
Output Capacitance
VOUT = 0V
8pF
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ICC1
(1,2)
Operating Supply Current
VCC = 1.95V,
f = 1/tAVAV,
IOUT = 0mA
525
mA
ICC2
(3)
Operating Supply Current
VCC = 1.95V,
f = 1MHz,
IOUT = 0mA
3mA
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
–1
1
µA
ILO
(4)
Output Leakage Current
0V
≤ VOUT ≤ VCC
–1
1
µA
ISB
Standby Supply Current CMOS
VCC = 1.95V,
E1
≥ VCCQ –0.2V OR
E2
≤ 0.2V OR
UB, LB
≥ VCCQ –0.2V,
f = 0
115
µA
VIH
Input High Voltage
VCCQ – 0.4
VCCQ + 0.3
V
VIL
Input Low Voltage
–0.3
0.4
V
VOH
Output High Voltage
IOH = –100µA
VCCQ – 0.2
V
VOL
Output Low Voltage
IOL = 100µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com