Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AR024DZB Datasheet(PDF) 8 Page - STMicroelectronics

Part # M68AR024DZB
Description  16 Mbit 1M x16 1.8V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR024DZB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M68AR024DZB Datasheet HTML 4Page - STMicroelectronics M68AR024DZB Datasheet HTML 5Page - STMicroelectronics M68AR024DZB Datasheet HTML 6Page - STMicroelectronics M68AR024DZB Datasheet HTML 7Page - STMicroelectronics M68AR024DZB Datasheet HTML 8Page - STMicroelectronics M68AR024DZB Datasheet HTML 9Page - STMicroelectronics M68AR024DZB Datasheet HTML 10Page - STMicroelectronics M68AR024DZB Datasheet HTML 11Page - STMicroelectronics M68AR024DZB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
M68AR024D
8/19
OPERATION
The M68AR024D has a Chip Enable power down
feature which invokes an automatic standby mode
whenever Chip Enable is de-asserted (E1 = High)
or Chip Select is asserted (E2 = Low), or UB/LB
are de-asserted (UB/LB = High). An Output En-
able (G) signal provides a high speed tri-state con-
trol, allowing fast read/write cycles to be achieved
with the common I/O data bus. Operational modes
are determined by device control inputs W, E1, LB
and UB as summarized in the Operating Modes ta-
ble (see Table 6).
Table 6. Operating Modes
Note: 1. X = VIH or VIL.
Read Mode
The M68AR024D, when Chip Select (E2) is High,
is in the read mode whenever Write Enable (W) is
High with Output Enable (G) Low, and Chip En-
able (E1) is asserted. This provides access to data
from eight or sixteen, depending on the status of
the signal UB and LB, of the 16,777,216 locations
in the static memory array, specified by the 20 ad-
dress inputs. Valid data will be available at the
eight or sixteen output pins within tAVQV after the
last stable address, providing G is Low and E1 is
Low. If Chip Enable or Output Enable access
times are not met, data access will be measured
from the limiting parameter (tELQV, tGLQV or tBLQV)
rather than the address. Data out may be indeter-
minate at tELQX, tGLQX and tBLQX, but data lines
will always be valid at tAVQV
Figure 7. Address Controlled, Read Mode AC Waveforms
Note: E1 = Low, E2 = High, G = Low, W = High, UB = Low and/or LB = Low.
Operation
E1
E2
W
G
LB
UB
DQ0-DQ7
DQ8-DQ15
Power
Deselected/Standby
VIH
X
X
X
X
X
Hi-Z
Hi-Z
Standby (ISB)
Deselected/Standby
X
VIL
X
X
X
X
Hi-Z
Hi-Z
Standby (ISB)
Deselected/Standby
X
X
X
X
VIH
VIH
Hi-Z
Hi-Z
Standby (ISB)
Lower Byte Read
VIL
VIH
VIH
VIL
VIL
VIH
Data Output
Hi-Z
Active (ICC)
Lower Byte Write
VIL
VIH
VIL
X
VIL
VIH
Data Input
Hi-Z
Active (ICC)
Output Disabled
VIL
VIH
VIH
VIH
X
X
Hi-Z
Hi-Z
Active (ICC)
Upper Byte Read
VIL
VIH
VIH
VIL
VIH
VIL
Hi-Z
Data Output
Active (ICC)
Upper Byte Write
VIL
VIH
VIL
X
VIH
VIL
Hi-Z
Data Input
Active (ICC)
Word Read
VIL
VIH
VIH
VIL
VIL
VIL
Data Output
Data Output
Active (ICC)
Word Write
VIL
VIH
VIL
X
VIL
VIL
Data Input
Data Input
Active (ICC)
AI05403
tAVAV
tAVQV
tAXQX
A0-A19
DQ0-DQ7 and/or DQ8-DQ15
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com