Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AR024DZB Datasheet(PDF) 5 Page - STMicroelectronics

Part # M68AR024DZB
Description  16 Mbit 1M x16 1.8V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR024DZB Datasheet(HTML) 5 Page - STMicroelectronics

  M68AR024DZB Datasheet HTML 1Page - STMicroelectronics M68AR024DZB Datasheet HTML 2Page - STMicroelectronics M68AR024DZB Datasheet HTML 3Page - STMicroelectronics M68AR024DZB Datasheet HTML 4Page - STMicroelectronics M68AR024DZB Datasheet HTML 5Page - STMicroelectronics M68AR024DZB Datasheet HTML 6Page - STMicroelectronics M68AR024DZB Datasheet HTML 7Page - STMicroelectronics M68AR024DZB Datasheet HTML 8Page - STMicroelectronics M68AR024DZB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
M68AR024D
Figure 4. Block Diagram
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for periods greater than 1 sec may affect
device reliability. Refer also to the STMicroelec-
tronics SURE Program and other relevant quality
documents.
Table 2. Absolute Maximum Ratings
Note: 1. One output at time not to exceed 1 second duration.
2. Up to a maximum operating VCC or VCCQ of 1.95V only.
AI05924
ROW
DECODER
A8
A19
(8)
DQ0
DQ15
(8)
COLUMN
DECODER
I/O CIRCUITS
A0
A7
W
G
MEMORY
ARRAY
LB
LB
UB
(8)
(8)
UB
LB
E1
E2
Ex
UB
LB
Symbol
Parameter
Value
Unit
IO
(1)
Output Current
20
mA
PD
Power Dissipation
1
W
TA
Ambient Operating Temperature
–55 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VCC
Supply Voltage
–0.5 to 2.5
V
VCCQ
I/O Supply Voltage
–0.5 to 2.5
V
VIO
(2)
Input or Output Voltage
–0.5 to VCCQ +0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com