Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AR024DZB Datasheet(PDF) 6 Page - STMicroelectronics

Part # M68AR024DZB
Description  16 Mbit 1M x16 1.8V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR024DZB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M68AR024DZB Datasheet HTML 2Page - STMicroelectronics M68AR024DZB Datasheet HTML 3Page - STMicroelectronics M68AR024DZB Datasheet HTML 4Page - STMicroelectronics M68AR024DZB Datasheet HTML 5Page - STMicroelectronics M68AR024DZB Datasheet HTML 6Page - STMicroelectronics M68AR024DZB Datasheet HTML 7Page - STMicroelectronics M68AR024DZB Datasheet HTML 8Page - STMicroelectronics M68AR024DZB Datasheet HTML 9Page - STMicroelectronics M68AR024DZB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M68AR024D
6/19
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. Operating and AC Measurement Conditions
Figure 5. AC Measurement I/O Waveform
Figure 6. AC Measurement Load Circuit
Parameter
M68AR024D
VCC Supply Voltage
1.65 to 1.95V
VCCQ I/O Supply Voltage (VCCQ ≤ VCC)
1.5 to 1.95V
Ambient Operating Temperature
Range 1
0 to 70°C
Range 6
–40 to 85°C
Load Capacitance (CL)
30pF
Output Circuit Protection Resistance (R1)
15.3k
Ω
Load Resistance (R2)
11.3k
Ω
Input Rise and Fall Times
≤ 1ns/V
Input Pulse Voltages
0 to VCCQ
Input and Output Timing Ref. Voltages
VCCQ/2
Output Transition Timing Ref. Voltages
VRL = 0.3VCCQ; VRH = 0.7VCCQ
AI05987
VCCQ
I/O Timing Reference Voltage
0V
VCCQ/2
VCCQ
I/O Transition Timing Reference Voltage
0V
0.7VCCQ
0.3VCCQ
AI05988
VCCQ
OUT
CL includes JIG capacitance
DEVICE
UNDER
TEST
CL
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com