Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 7Page - STMicroelectronics M58LW064 Datasheet HTML 8Page - STMicroelectronics M58LW064 Datasheet HTML 9Page - STMicroelectronics M58LW064 Datasheet HTML 10Page - STMicroelectronics M58LW064 Datasheet HTML 11Page - STMicroelectronics M58LW064 Datasheet HTML 12Page - STMicroelectronics M58LW064 Datasheet HTML 13Page - STMicroelectronics M58LW064 Datasheet HTML 14Page - STMicroelectronics M58LW064 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
11/53
M58LW064A, M58LW064B
Burst Clock (K). The Burst Clock K is used only
in burst mode. It is the fundamental synchronous
signal that allows internal latching of the address
from the address bus, together with Latch Enable
L; increment of the internal address counter in as-
sociation with Burst Address Advance B; and to in-
dicate valid data on the external data bus. All
these operations are synchronously controlled on
the valid edge of the Burst Clock K, which can be
selected to be the rising or falling edge depending
on the definition in the Burst Configuration Regis-
ter.
For Asynchronous Read or Write, the Burst Clock
K input level is Don’t Care. For Synchronous Burst
Read the address is latched on the first valid clock
edge when Latch Enable L is at VIL, or the rising
edge of Latch Enable L, whichever occurs first.
Burst Address Advance (B). Burst Address Ad-
vance B enables increment of the internal address
counter when it falls to VIL during Synchronous
Burst Read. It is sampled on the last valid edge of
the Burst Clock K at the expiry of the X-latency
time. If sampled at VIL, new data will be output on
the next Burst Clock K valid edge (or second next
depending on the definition in the Burst Configura-
tion Register). If it is at VIH when sampled, the pre-
vious data remains on the Data Outputs. The Burst
Address Advance B may be tied to VIL.
Ready (R). The Valid Data Ready R is an output
signal used during Synchronous Burst Read. It in-
dicates, at the valid clock edge (or one cycle be-
fore depending on the definition in the Burst
Configuration Register), if valid data is ready on
the Data Outputs. New Data Outputs are valid if
Valid Data Ready R is at VIH, the previous Data
Outputs remain active if Valid Data Ready R is at
VIL.
In all operations except Burst Read, Valid Data
Ready R is at VIH. It may be tied to other compo-
nents with the same Valid Data Ready R signal to
create a unique system Ready signal. The Valid
Data Ready R output has an internal pull-up resis-
tor of around 1 M
Ω powered from VDDQ, designers
should use an external pull-up resistor of the cor-
rect value to meet the external timing require-
ments for R going to VIH.
Word Organisation (WORD). The Word Organi-
sation WORD input is present only on the
M58LW064B and selects x16 or x32 organisation.
The WORD input selects the data width as Word
wide (x16) or Double-Word wide (x32). When
WORD is at VIL, Word-wide x16 width is selected
and data is read and programmed on DQ0-DQ15,
DQ16-DQ31 are at high impedance and A1 is the
LSB address. When WORD is at VIH, the Double-
Word wide x32 width is selected and the data is
read and programmed on DQ0-DQ31, and A2 is
the LSB address.
Ready/Busy (RB). Ready/Busy RB is an open-
drain output and gives the internal state of the P/
E.C. When Ready/Busy RB is at VIL the device is
busy with a Program or Erase operation and it will
not accept any additional program or erase in-
structions except for the Program or Erase Sus-
pend instructions. When a Program or Erase
Suspend is given the RB signal rises to VIH, after
a latency time, to indicate that the Command Inter-
face is ready for a new instruction. When RB is at
VIH, the device is ready for any Read, Program or
Erase operation. Ready/Busy RB is also at VIH
when the memory is in Erase/Program Suspend or
Standby modes.
Program/Erase Enable (VPP). Program/Erase
Enable VPP automatically protects all blocks from
programming or erasure when at VIL.
Supply Voltage (VDD). The Supply Voltage VDD
is the main power supply for all operations (Read,
Program and Erase).
Input/Output Supply Voltage (VDDQ). The
In-
put/Output Supply Voltage VDDQ is the Input and
Output buffer power supply for all operations
(Read, Program and Erase).
Ground (VSS). Ground VSS is the reference for all
the voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com