Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064 Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 41Page - STMicroelectronics M58LW064 Datasheet HTML 42Page - STMicroelectronics M58LW064 Datasheet HTML 43Page - STMicroelectronics M58LW064 Datasheet HTML 44Page - STMicroelectronics M58LW064 Datasheet HTML 45Page - STMicroelectronics M58LW064 Datasheet HTML 46Page - STMicroelectronics M58LW064 Datasheet HTML 47Page - STMicroelectronics M58LW064 Datasheet HTML 48Page - STMicroelectronics M58LW064 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
45/53
M58LW064A, M58LW064B
Figure 24. Command Interface and Program Erase Controller Flowchart (a)
Note: 1. If no command is written, the Command Interface remains in its previous valid state. Upon power-up, on exit from power-down or
if VDD falls below VLKO, the Command Interface defaults to Read Array mode.
2. P/E.C. status (Ready or Busy) is read on Status Register bit 7.
AI03618
READ
SIGNATURE
YES
NO
90h
READ
STATUS
YES
70h
NO
CLEAR
STATUS
YES
50h
NO
PROGRAM
BUFFER
LOAD
YES
E8h
NO
ERASE
SET-UP
YES
20h
NO
ERASE
COMMAND
ERROR
YES
FFh
WAIT FOR
COMMAND
WRITE (1)
READ
STATUS
READ
ARRAY
YES
D0h
NO
A
B
NO
C
CFI
QUERY
YES
98h
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com