Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 20Page - STMicroelectronics M58LW064 Datasheet HTML 21Page - STMicroelectronics M58LW064 Datasheet HTML 22Page - STMicroelectronics M58LW064 Datasheet HTML 23Page - STMicroelectronics M58LW064 Datasheet HTML 24Page - STMicroelectronics M58LW064 Datasheet HTML 25Page - STMicroelectronics M58LW064 Datasheet HTML 26Page - STMicroelectronics M58LW064 Datasheet HTML 27Page - STMicroelectronics M58LW064 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
M58LW064A, M58LW064B
24/53
Table 14. Query Structure Overview
Table 15. CFI - Query Address and Data Output in the x16/x32 organization
Note: 1. The x8 or Byte Address mode is not available.
2. In the x16 organization, the value of the address location of the CFI Query is independent of A1 pad (M58LW064B).
3. Query Data are always presented on the lowest order data outputs (DQ7-DQ0) only. Others data (DQ31-DQ8) are set to ’0’.
4. For M58LW064B, A1 = Don’t Care.
Offset
Sub-section Name
Description
00h
Manufacturer Code
01h
Device Code
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing and voltage information
27h
Device Geometry Definition
Flash device layout
P(h)
Primary Algorithm-specific Extended Query table
Additional information specific to the Primary
Algorithm (optional)
A(h)
Alternate Algorithm-specific Extended Query table
Additional information specific to the Alternate
Algorithm (optional)
(BA+3)h
Block Status Register
Block-related Information
Address (4)
A22-A1 (M58LW064A)
A22-A2 (M58LW064B)
Data
Instruction
10h
51h
”Q”
51h; ”Q”
Query ASCII String
52h; ”R”
59h; ”Y”
11h
52h
”R”
12h
59h
”Y”
13h
20h
Primary Vendor:
Command Set and Control Interface ID Code
14h
00h
15h
31h
Primary algorithm extended Query Address Table: P(h)
16h
00h
17h
00h
Alternate Vendor:
Command Set and Control Interface ID Code
18h
00h
19h
31h
Alternate Algorithm Extended Query address Table
1Ah
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com