Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 30Page - STMicroelectronics M58LW064 Datasheet HTML 31Page - STMicroelectronics M58LW064 Datasheet HTML 32Page - STMicroelectronics M58LW064 Datasheet HTML 33Page - STMicroelectronics M58LW064 Datasheet HTML 34Page - STMicroelectronics M58LW064 Datasheet HTML 35Page - STMicroelectronics M58LW064 Datasheet HTML 36Page - STMicroelectronics M58LW064 Datasheet HTML 37Page - STMicroelectronics M58LW064 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
M58LW064A, M58LW064B
34/53
Figure 14. Synchronous Burst Read - Continuous - Valid Data Ready Output
Valid Data Ready = Valid Low during valid clock edge (M8 = 0)
Figure 15. Synchronous Burst Pipeline Read (8.1.1.1 example)
X-Latency = 8 (M14-M11 = 0010), Y-Latency = 1 (M9 = 0), Burst Length = 1 (M2-M0 = 100),
Burst Type = Any (M7 = 0 or 1), Valid Clock Edge = Rising (M6 = 1)
AI03696
K
(1)
V = Valid output; NV = Not Valid output.
(2)
R is an open drain output with an internal pull up resistor of 1M
Ω.
The internal timing of R follows DQ. An external resistor, typically 300k
Ω for a single memory on the R Bus, should
be used to give a data valid set up time required to recognize valid data is evailable on the next valid clock edge.
Output (1)
V
V
NV
NV
V
V
tBLKH
R
V
(2)
AI03695
Valid
Clock
Edges
Outputs
Addresses
123456
789
10
11
12
13
14
15
16
17
18
19
Q0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
Not Valid
8
8
2nd
Address
Latch
1st
Address
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com